Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LXT381II Datasheet(PDF) 8 Page - Intel Corporation

Part # LXT381II
Description  Octal E1 Line Interface Unit
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

LXT381II Datasheet(HTML) 8 Page - Intel Corporation

Back Button LXT381II Datasheet HTML 4Page - Intel Corporation LXT381II Datasheet HTML 5Page - Intel Corporation LXT381II Datasheet HTML 6Page - Intel Corporation LXT381II Datasheet HTML 7Page - Intel Corporation LXT381II Datasheet HTML 8Page - Intel Corporation LXT381II Datasheet HTML 9Page - Intel Corporation LXT381II Datasheet HTML 10Page - Intel Corporation LXT381II Datasheet HTML 11Page - Intel Corporation LXT381II Datasheet HTML 12Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 36 page
background image
LXT381 — Octal E1 Line Interface
8
Datasheet
14
F3
GND
S
Ground. This pin must be connected to Ground.
15
F4
GND
S
Ground. This pin must be connected to Ground.
16
G3
GND
S
Ground. This pin must be connected to Ground.
17
G1
VCCIO0
S
Power (I/O).
18
G4
GNDIO0
S
Ground (I/O).
19
H1
VCC0
S
Power (Core).
20
H4
GND0
S
Ground (Core).
21
22
23
24
25
26
27
28
G2
H3
H2
J4
J3
J2
J1
K1
LOOP0
LOOP1
LOOP2
LOOP3
LOOP4
LOOP5
LOOP6
LOOP7
DI
DI
DI
DI
DI
DI
DI
DI
Loopback Mode Select/Parallel Databus Input & Output. These pins
are inputs that select the loopback mode for transceiver ports 0-7
respectively as follows:
Normal operation (no loopback) is selected when pin is left open
(unconnected).
Remote loopback mode is selected when pin is Low. In this mode, data on
TPOS and TNEG is ignored and data received on RTIP and RRING is
looped around and retransmitted on TTIP and TRING.
Analog local loopback mode is selected when pin is High. In this mode,
data received on RTIP and RRING is ignored and data transmitted on TTIP
and TRING is internally looped around and routed back to the receive
inputs.
Note: When these inputs are left open, they stay in a high impedance
state. Therefore, the layout design should not route signals with fast
transitions near the LOOP pins. This practice will minimize
capacitive coupling.
29
L1
TCLK1
DI
Transmit Clock Input.
30
31
L2
L3
TPOS1
TNEG1
DI
DI
Transmit Positive Data Input.
Transmit Negative Data Input.
32
M1
RCLK1
DO
Receive Clock Output.
33
34
M2
M3
RPOS1
RNEG1
DO
DO
Receive Positive Data Output.
Receive Negative Data Output.
35
K3
ALOS1
DO
Analog Loss of Signal Output.
36
N1
TCLK0
DI
Transmit Clock Input.
37
38
N2
N3
TPOS0
TNEG0
DI
DI
Transmit Positive Data Input.
Transmit Negative Data Input.
39
P1
RCLK0
DO
Receive Clock Output.
40
41
P2
P3
RPOS0
RNEG0
DO
DO
Receive Positive Data.
Receive Negative Data.
42
K4
ALOS0
DO
Analog Loss of Signal Output.
43
K2
GND
S
Ground. This pin must be connected to Ground.
44
N4, P4
TVCC0
S
Transmit Driver Power Supply. Power supply pin for the output driver.
Table 1.
LXT381 Pin Description (Continued)
Pin #
LQFP
Pin #
PBGA
Symbol
I/O1
Description
1. DI: Digital Input; DO: Digital Output; DI/O: Digital Bidirectional Port; AI: Analog Input; AO: Analog Output S: Power Supply;
N.C.: Not
Connected.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com