Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LXT381II Datasheet(PDF) 34 Page - Intel Corporation

Part # LXT381II
Description  Octal E1 Line Interface Unit
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

LXT381II Datasheet(HTML) 34 Page - Intel Corporation

Back Button LXT381II Datasheet HTML 28Page - Intel Corporation LXT381II Datasheet HTML 29Page - Intel Corporation LXT381II Datasheet HTML 30Page - Intel Corporation LXT381II Datasheet HTML 31Page - Intel Corporation LXT381II Datasheet HTML 32Page - Intel Corporation LXT381II Datasheet HTML 33Page - Intel Corporation LXT381II Datasheet HTML 34Page - Intel Corporation LXT381II Datasheet HTML 35Page - Intel Corporation LXT381II Datasheet HTML 36Page - Intel Corporation  
Zoom Inzoom in Zoom Outzoom out
 34 / 36 page
background image
LXT381 — Octal E1 Line Interface
34
Datasheet
5.0
Mechanical Specifications
Figure 13. LXT381 144 Pin LQFP Package Dimensions
D
D/2
E1
E1/2
E
E/2
D1
D1/2
NOTE: All dimensions in millimeters.
A
A1
A2
L
1.00
REF.
0.25
0 - 7 DEG.
0.08 / 0.20 R.
0.08 R. MIN.
0 DEG. MIN.
e/2
M
b
e
Dimension1
Millimeters
Minimum
Nominal
Maximum
A-
-
1.60
A1
0.05
0.10
0.15
A2
1.35
1.40
1.45
b
0.17
0.22
0.27
D
22.00 B.S.C.
D1
20.00 B.S.C.
E
22.00 B.S.C.
E1
20.00 B.S.C.
e
0.50 B.S.C.
L
0.45
0.60
0.75
M0.14
-
-
1. See JEDEC Publication for additional specifications.
144-Pin Low-Profile Quad Flat Package
• Part Number LXT381LE
• Extended Temperature Range (-40 °C to 85



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com