Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LXT381II Datasheet(PDF) 26 Page - Intel Corporation

Part # LXT381II
Description  Octal E1 Line Interface Unit
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

LXT381II Datasheet(HTML) 26 Page - Intel Corporation

Back Button LXT381II Datasheet HTML 22Page - Intel Corporation LXT381II Datasheet HTML 23Page - Intel Corporation LXT381II Datasheet HTML 24Page - Intel Corporation LXT381II Datasheet HTML 25Page - Intel Corporation LXT381II Datasheet HTML 26Page - Intel Corporation LXT381II Datasheet HTML 27Page - Intel Corporation LXT381II Datasheet HTML 28Page - Intel Corporation LXT381II Datasheet HTML 29Page - Intel Corporation LXT381II Datasheet HTML 30Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 36 page
background image
LXT381 — Octal E1 Line Interface
26
Datasheet
Figure 8. Analog Test Port Application
Table 7.
Instruction Register (IR)
Instruction
Code #
Comments
EXTEST
000
Connects the BSR to TDI and TDO. Input pins values are loaded into the BSR.
Output pins values are loaded from the BSR.
INTEST_ANALOG
010
Connects the ASR to TDI and TDO. Allows voltage forcing/sensing through AT1 and
AT2. Refer to Table 6.
SAMPLE / PRELOAD
100
Connects the BSR to TDI and TDO. The normal path between the LXT381 logic and
the I/O pins is maintained. The BSR is loaded with the signals in the I/O pins.
IDCODE
110
Connects the IDR to the TDO pin.
BYPASS
111
Serial data from the TDI input is passed to the TDO output through the 1 bit Bypass
Register.
Transceiver 6
Transceiver 7
RRING7
TRING7
RTIP7
TTIP7
RRING6
TRING6
RTIP6
TTIP6
Transceiver 0
RRING0
RTIP0
JTAG Port
ASR Register
AT2
AT1
1K
1K



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com