Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LXT381II Datasheet(PDF) 35 Page - Intel Corporation

Part # LXT381II
Description  Octal E1 Line Interface Unit
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

LXT381II Datasheet(HTML) 35 Page - Intel Corporation

Back Button LXT381II Datasheet HTML 28Page - Intel Corporation LXT381II Datasheet HTML 29Page - Intel Corporation LXT381II Datasheet HTML 30Page - Intel Corporation LXT381II Datasheet HTML 31Page - Intel Corporation LXT381II Datasheet HTML 32Page - Intel Corporation LXT381II Datasheet HTML 33Page - Intel Corporation LXT381II Datasheet HTML 34Page - Intel Corporation LXT381II Datasheet HTML 35Page - Intel Corporation LXT381II Datasheet HTML 36Page - Intel Corporation  
Zoom Inzoom in Zoom Outzoom out
 35 / 36 page
background image
Octal E1 Line Interface — LXT381
Datasheet
35
Figure 14. LXT381 160 Pin PBGA Package Dimensions
15.00
13.00 ±0.20
4.72 ±0.10
4.72 ±0.10
Ø1.00
(3 plcs)
PIN #A1
CORNER
15.00
13.00
±0.20
PIN #A1 ID
1.61
± 0.19
0.40
± 0.10
0.36
±0.04
0.85
SEATING PLANE
13.00
1.00
0.50
±0.10
1.00
1.00 REF
13.0
1.00 R
14 13 12 11 10 9
8
7
6
5
4
3
2
1
P
N
M
L
K
J
H
G
F
E
D
C
B
A
BOTTOM VIEW
TOP VIEW
SIDE VIEW
NOTE:
1. ALL DIMENSIONS IN MILLIMETERS.
2. ALL DIMENSIONS AND TOLERANCES
CONFORM TO ASME Y 14.5M-1994.
3. TOLERANCE = ± 0.05 UNLESS
SPECIFIED OTHERWISE.
160-Pin Plastic Ball Grid Array
•
Part Number LXT381BE
•
Extended Temperature Range (-40 °C to 85 °C)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com