Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LXT381II Datasheet(PDF) 23 Page - Intel Corporation

Part # LXT381II
Description  Octal E1 Line Interface Unit
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

LXT381II Datasheet(HTML) 23 Page - Intel Corporation

Back Button LXT381II Datasheet HTML 19Page - Intel Corporation LXT381II Datasheet HTML 20Page - Intel Corporation LXT381II Datasheet HTML 21Page - Intel Corporation LXT381II Datasheet HTML 22Page - Intel Corporation LXT381II Datasheet HTML 23Page - Intel Corporation LXT381II Datasheet HTML 24Page - Intel Corporation LXT381II Datasheet HTML 25Page - Intel Corporation LXT381II Datasheet HTML 26Page - Intel Corporation LXT381II Datasheet HTML 27Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 36 page
background image
Octal E1 Line Interface — LXT381
Datasheet
23
63
RNEG5
O
RNEG5
64
N/A
-
HIZB5
HIZB5 controls the RPOS5, RNEG5 and RCLK5 pins. Setting HIZB5 to
“1” enables output on the pins. Setting HIZB5 to “0” tristates the pins.
65
LOS5
O
LOS5
66
TCLK4
I
TCLK4
67
TPOS4
I
TPOS4
68
TNEG4
I
TNEG4
69
RCLK4
O
RCLK4
70
RPOS4
O
RPOS4
71
RNEG4
O
RNEG4
72
N/A
-
HIZB4
HIZB4 controls the RPOS4, RNEG4 and RCLK4 pins. Setting HIZB4 to
“1” enables output on the pins. Setting HIZB4 to “0” tristates the pins.
73
LOS4
O
LOS4
74
OE
I
OE
75
RPOL
I
RPOL
76
LOS7
O
LOS7
77
RNEG7
O
RNEG7
78
RPOS7
O
RPOS7
79
N/A
-
HIZB7
HIZB7 controls the RPOS7, RNEG7 and RCLK7 pins. Setting HIZB7 to
“1” enables output on the pins. Setting HIZB7 to “0” tristates the pins.
80
RCLK7
O
RCLK7
81
TNEG7
I
TNEG7
82
TPOS7
I
TPOS7
83
TCLK7
I
TCLK7
84
LOS6
O
LOS6
85
RNEG6
O
RNEG6
86
RPOS6
O
RPOS6
87
N/A
-
HIZB6
HIZB6 controls the RPOS6, RNEG6 and RCLK6 pins. Setting HIZB6 to
“1” enables output on the pins. Setting HIZB6 to “0” tristates the pins.
88
RCLK6
O
RCLK6
89
TNEG6
I
TNEG6
90
TPOS6
I
TPOS6
91
TCLK6
I
TCLK6
92
-
-
RESERVED10
93
-
-
RESERVED11
94
-
-
RESERVED12
95
-
-
RESERVED13
Table 4.
Boundary Scan Register (BSR) (Continued)
Bit #
Pin
Signal
I/O
Type
Bit
Symbol
Comments



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com