Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LXT381II Datasheet(PDF) 9 Page - Intel Corporation

Part # LXT381II
Description  Octal E1 Line Interface Unit
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

LXT381II Datasheet(HTML) 9 Page - Intel Corporation

Back Button LXT381II Datasheet HTML 5Page - Intel Corporation LXT381II Datasheet HTML 6Page - Intel Corporation LXT381II Datasheet HTML 7Page - Intel Corporation LXT381II Datasheet HTML 8Page - Intel Corporation LXT381II Datasheet HTML 9Page - Intel Corporation LXT381II Datasheet HTML 10Page - Intel Corporation LXT381II Datasheet HTML 11Page - Intel Corporation LXT381II Datasheet HTML 12Page - Intel Corporation LXT381II Datasheet HTML 13Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 36 page
background image
Octal E1 Line Interface — LXT381
Datasheet
9
45
46
N5
P5
TTIP0
TRING0
AO
AO
Transmit Tip Output.
Transmit Ring Output.
These pins are differential line driver outputs designed to drive 75
Ω
unbalanced or 120
Ω balanced cables with a 1:2 transformer and two 11 Ω
series resistors. TRING and TTIP will be in high impedance state if the
TCLK pin is Low.
47
N6, P6
TGND0
S
Transmit Driver Ground. Ground pin for the output driver.
48
49
P7
N7
RTIP0
RRING0
AI
AI
Receive TIP Input.
Receive Ring Input.
These pins are the inputs to the differential line receiver. Data is recovered
and output on the RPOS/RNEG pins.
50
L6, M6
TGND1
S
Transmit Driver Ground.
51
52
M5
L5
TRING1
TTIP1
AO
AO
Transmit Ring Output.
Transmit Tip Output.
53
L4, M4
TVCC1
S
Transmit Driver Power Supply. Power supply pin for the output driver.
54
55
L7
M7
RRING1
RTIP1
AI
AI
Receive Ring Input.
Receive Tip Input.
56
L11, M11
TVCC2
S
Transmit Driver Power Supply.
57
58
L10
M10
TTIP2
TRING2
AO
AO
Transmit Tip Output.
Transmit Ring Output.
59
L9, M9
TGND2
S
Transmit Driver Ground.
60
61
M8
L8
RTIP2
RRING2
AI
AI
Receive TIP Input.
Receive Ring Input.
62
N9, P9
TGND3
S
Transmit Driver Ground. Ground pin for the output driver.
63
64
P10
N10
TRING3
TTIP3
AO
AO
Transmit Ring.
Transmit Tip Output.
65
N11, P11
TVCC3
S
Transmit Driver Power Supply. Power supply pin for the output driver.
66
67
N8
P8
RRING3
RTIP3
AI
AI
Receive Ring Input.
Receive Tip Input.
68
K11
ALOS3
DO
Analog Loss of Signal Output.
69
70
P12
P13
RNEG3
RPOS3
DO
DO
Receive Negative Data Output.
Receive Positive Data Output.
71
P14
RCLK3
DO
Receive Clock Output.
72
73
N12
N13
TNEG3
TPOS3
DI
DI
Transmit Negative Data Input.
Transmit Positive Data Input.
74
N14
TCLK3
DI
Transmit Clock Input.
75
K12
ALOS2
DO
Analog Loss of Signal Output.
76
77
M12
M13
RNEG2
RPOS2
DO
DO
Receive Negative Data Output.
Receive Positive Data Output.
Table 1.
LXT381 Pin Description (Continued)
Pin #
LQFP
Pin #
PBGA
Symbol
I/O1
Description
1. DI: Digital Input; DO: Digital Output; DI/O: Digital Bidirectional Port; AI: Analog Input; AO: Analog Output S: Power Supply;
N.C.: Not
Connected.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com