Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LXT381II Datasheet(PDF) 12 Page - Intel Corporation

Part # LXT381II
Description  Octal E1 Line Interface Unit
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

LXT381II Datasheet(HTML) 12 Page - Intel Corporation

Back Button LXT381II Datasheet HTML 8Page - Intel Corporation LXT381II Datasheet HTML 9Page - Intel Corporation LXT381II Datasheet HTML 10Page - Intel Corporation LXT381II Datasheet HTML 11Page - Intel Corporation LXT381II Datasheet HTML 12Page - Intel Corporation LXT381II Datasheet HTML 13Page - Intel Corporation LXT381II Datasheet HTML 14Page - Intel Corporation LXT381II Datasheet HTML 15Page - Intel Corporation LXT381II Datasheet HTML 16Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 36 page
background image
LXT381 — Octal E1 Line Interface
12
Datasheet
141
142
A3
A2
RNEG7
RPOS7
DO
DO
Receive Negative Data Output.
Receive Positive Data Output.
143
A1
RCLK7
DO
Receive Clock Output.
144
B3
TNEG7
DI
Transmit Negative Data Input.
Table 1.
LXT381 Pin Description (Continued)
Pin #
LQFP
Pin #
PBGA
Symbol
I/O1
Description
1. DI: Digital Input; DO: Digital Output; DI/O: Digital Bidirectional Port; AI: Analog Input; AO: Analog Output S: Power Supply;
N.C.: Not
Connected.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com