Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LXT381II Datasheet(PDF) 1 Page - Intel Corporation

Part # LXT381II
Description  Octal E1 Line Interface Unit
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

LXT381II Datasheet(HTML) 1 Page - Intel Corporation

  LXT381II Datasheet HTML 1Page - Intel Corporation LXT381II Datasheet HTML 2Page - Intel Corporation LXT381II Datasheet HTML 3Page - Intel Corporation LXT381II Datasheet HTML 4Page - Intel Corporation LXT381II Datasheet HTML 5Page - Intel Corporation LXT381II Datasheet HTML 6Page - Intel Corporation LXT381II Datasheet HTML 7Page - Intel Corporation LXT381II Datasheet HTML 8Page - Intel Corporation LXT381II Datasheet HTML 9Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 36 page
background image
LXT381
Octal E1 Line Interface Unit
Datasheet
General Description
The LXT381 is an octal short haul analog Line Interface Unit for ITU G.703 2.048 Mbit/sec.
transmission systems. It incorporates eight independent receivers and eight independent
transmitters in a single LQFP-144 or PBGA-160 package.
The transmit output drivers provide low impedance, constant during marks and spaces and
constant pulse amplitudes independent of supply voltage variations.
The LXT381 may be configured for unbalanced 75
Ω or for balanced 120Ω systems without
external component changes in the transmit section. The transmit return loss performance
exceeds latest ETSI return loss recommendations such as ETS 300166.
The LXT381 features a differential data receiver architecture with high noise interference
margin. The receivers use peak detection and a variable threshold for reliable data recovery
down to 500 mV or up to 12 dB of cable attenuation.
Each receiver incorporates an analog Loss Of Signal (LOS) processor that meets latest ITU
G.775 standard.
The fast power down mode of all transmitters allows the implementation of Hitless Protection
Switching (HPS) application without the use of relays.
Applications
s
Synchronous Digital Hierarchy
(SDH) E1 tributary interfaces
s
Public switching trunk line interfaces
s
Digital Access Cross Connects (DACS)
s
Microwave transmission systems
Product Features
s
Octal E1 short haul line interface per ITU
G.703
s
Single rail supply voltage of 3.3V with 5V
I/O capability
s
Low power consumption of <100 mW per
channel (typ.)
s
75
Ω/120Ω TX operation without
component changes
s
Transmit return loss complies with ETSI
ETS 300 166
s
Hitless Protection Switching (HPS)
s
Driver short circuit current limiter (<50 mA
RMS)
s
Differential receiver with 15dB of signal to
noise interference margin
s
Data recovery with no need for external
reference clock
s
Analog LOS detection per ITU G.775
s
Simple hardware control mode
s
JTAG Boundary Scan test port per IEEE
1149.4
s
Small footprint 144 pin LQFP or 160 pin
PBGA package
As of January 15, 2001, this document replaces the Level One document
Order Number: 249005-001
known as Octal E1 Line Interface.
January 2001


Similar Part No. - LXT381II

ManufacturerPart #DatasheetDescription
logo
Pulse A Technitrol Comp...
LXT380 PULSE-LXT380 Datasheet
1Mb / 5P
T1/E1/CEPT/ISDN-PRI TRANSFORMERS
logo
Intel Corporation
LXT386 INTEL-LXT386 Datasheet
530Kb / 78P
QUAD T1/E1/J1 Transceiver
LXT386BE INTEL-LXT386BE Datasheet
530Kb / 78P
QUAD T1/E1/J1 Transceiver
LXT386LE INTEL-LXT386LE Datasheet
530Kb / 78P
QUAD T1/E1/J1 Transceiver
More results

Similar Description - LXT381II

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT82V2058 IDT-IDT82V2058 Datasheet
609Kb / 52P
OCTAL E1 SHORT HAUL LINE INTERFACE UNIT
logo
Cirrus Logic
CS61884 CIRRUS-CS61884 Datasheet
1Mb / 72P
Octal T1/E1/J1 Line Interface Unit
logo
Integrated Device Techn...
IDT82V2048 IDT-IDT82V2048 Datasheet
673Kb / 61P
OCTAL T1/E1 SHORT HAUL LINE INTERFACE UNIT
logo
Cirrus Logic
CS61880 CIRRUS-CS61880 Datasheet
791Kb / 70P
OCTAL E1 LINE INTERFACE UNIT
CS61884 CIRRUS-CS61884_05 Datasheet
1Mb / 71P
Octal T1/E1/J1 Line Interface Unit
logo
Integrated Device Techn...
IDT82V2058-10 IDT-IDT82V2058-10 Datasheet
1Mb / 53P
OCTAL E1 SHORT HAUL LINE INTERFACE UNIT
IDT82V2048 IDT-IDT82V2048_10 Datasheet
1Mb / 62P
OCTAL T1/E1 SHORT HAUL LINE INTERFACE UNIT
logo
Renesas Technology Corp
IDT82V2048 RENESAS-IDT82V2048 Datasheet
723Kb / 63P
OCTAL T1/E1 SHORT HAUL LINE INTERFACE UNIT
November 14, 2012
IDT82V2058 RENESAS-IDT82V2058 Datasheet
889Kb / 54P
OCTAL E1 SHORT HAUL LINE INTERFACE UNIT
January 21, 2010
logo
List of Unclassifed Man...
CH5008 ETC-CH5008 Datasheet
133Kb / 2P
Octal E1 Short Haul Line Interface Unit
Rev1.0, March,2005
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com