Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LXT381II Datasheet(PDF) 15 Page - Intel Corporation

Part # LXT381II
Description  Octal E1 Line Interface Unit
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

LXT381II Datasheet(HTML) 15 Page - Intel Corporation

Back Button LXT381II Datasheet HTML 11Page - Intel Corporation LXT381II Datasheet HTML 12Page - Intel Corporation LXT381II Datasheet HTML 13Page - Intel Corporation LXT381II Datasheet HTML 14Page - Intel Corporation LXT381II Datasheet HTML 15Page - Intel Corporation LXT381II Datasheet HTML 16Page - Intel Corporation LXT381II Datasheet HTML 17Page - Intel Corporation LXT381II Datasheet HTML 18Page - Intel Corporation LXT381II Datasheet HTML 19Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 36 page
background image
Octal E1 Line Interface — LXT381
Datasheet
15
2.5.1
Analog Loopback
When selected, the transmitter outputs (TTIP & TRING) are connected internally to the receiver
inputs (RTIP & RRING) as shown in Figure 3. Data and clock are output at RCLK, RPOS &
RNEG pins for the corresponding transceiver. Note: Signals on the RTIP & RRING pins are
ignored during analog loopback.
2.5.2
Remote Loopback
During remote loopback, the RCLK, RPOS & RNEG outputs routed to the transmit circuits and
output on the TTIP & TRING pins. Signals on the TCLK, TPOS & TNEG pins are ignored during
remote loopback. See Figure 4. Note: because in a remote loopback, the RPOS/RNEG outputs
determine the transmitter pulse width, the G.703 pulse template may not be met in this test mode.
2.6
Hitless Protection Switching (HPS)
The LXT386 transceivers include an output driver tristatability feature for T1/E1 redundancy
applications. This feature greatly reduces the cost of implementing redundancy protection by
eliminating external relays. Please refer to Application Note 119 for guidelines for implementing
redundancy systems for both T1 and E1 operation using the LXT380/1/4/6.
Figure 3. Analog Loopback
Buffer/
Pulse
Shaper
Data
Recovery
TTIP
TRING
RTIP
RRING
TCLK
TPOS
TNEG
RCLK
RPOS
RNEG
Figure 4. Remote Looback
Buffer/
Pulse
Shaper
Data
Recovery
TTIP
TRING
RTIP
RRING
RCLK
RPOS
RNEG
TCLK
TPOS
TNEG



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com