Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LXT381II Datasheet(PDF) 28 Page - Intel Corporation

Part # LXT381II
Description  Octal E1 Line Interface Unit
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

LXT381II Datasheet(HTML) 28 Page - Intel Corporation

Back Button LXT381II Datasheet HTML 24Page - Intel Corporation LXT381II Datasheet HTML 25Page - Intel Corporation LXT381II Datasheet HTML 26Page - Intel Corporation LXT381II Datasheet HTML 27Page - Intel Corporation LXT381II Datasheet HTML 28Page - Intel Corporation LXT381II Datasheet HTML 29Page - Intel Corporation LXT381II Datasheet HTML 30Page - Intel Corporation LXT381II Datasheet HTML 31Page - Intel Corporation LXT381II Datasheet HTML 32Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 36 page
background image
LXT381 — Octal E1 Line Interface
28
Datasheet
Average
transmitter
power supply
current 1
75
Ω, coax cable
120
Ω, TWP cable
75
Ω, coax cable
120
Ω, TWP cable
ITVCC
-
-
-
125
100
265
210
-
-
mA
mA
mA
mA
100% 1’s density
100% 1’s density
50% 1’s density
50% 1’s density
Average core power supply current 1
IVCC
-
80
100
mA
Average I/O power supply current 1, 2
IVCCIO
18
25
mA
Output load at TTIP and TRING
Rl
40
-
-
Ω
Table 10. DC Characteristics
Parameter
Sym
Min.
Typ.
Max.
Unit
Test Condition
High level input voltage
VIH
2-
-
V
Low level input voltage
VIL
--
0.8
V
High level output voltage1
VOH
2.4
VCCIO
V
IOUT= 400µA
Low level output voltage1
VOL
--
0.4
V
IOUT= 1.6mA
LOOP 0-7
Low level input voltage
VINL
––
1/3VCC-0.2
V
The VCC
supply refers to
VCCIO0 or
VCCIO1 only.
Midrange level input
voltage
VINM
1/3VCC+0.2
1/2VCC
2/3VCC-0.2
V
High level input voltage
VINH
2/3VCC+0.2
-
-
V
Low level input current
IINL
––
50
µA
High level input current
IINH
––
50
µA
Input leakage current
IIL
-10
–
+10
µA
Tri state leakage current
IHZ
-10
–
+10
µA
Tri state output current
IHZ
--
1
µA
TTIP, TRING
Line short circuit current
-
-
-
50
mA
RMS
2 x 11
Ω series
resistors and
1:2 transformer
Input leakage:
TMS TDI TRST
--
-
50
µA
1. Output drivers will output CMOS logic levels into CMOS loads.
Table 11. Transmit Transmission Characteristics
Parameter
Sym
Min.
Typ.
Max.
Unit
Test Condition
Output pulse
amplitude
75
Ω
120
Ω
-
2.14
2.7
2.37
3.0
2.60
3.3
V
V
Tested at the line side
Peak voltage of a
space
75
Ω
120
Ω
-
-0.237
-0.3
-
0.237
0.3
V
V
Transmit amplitude variation with supply
-
-1
-
+1
%
1. Guaranteed by design and other correlation methods.
Table 9.
Recommended Operating Conditions (Continued)
Parameter
Sym
Min.
Typ.
Max.
Unit
Test Condition
1. Current consumption over the full operating temperature and power supply voltage range.
2. Digital inputs are within 10% of the supply rails and digital outputs are driving a 50pF load.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com