Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LXT381II Datasheet(PDF) 4 Page - Intel Corporation

Part # LXT381II
Description  Octal E1 Line Interface Unit
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

LXT381II Datasheet(HTML) 4 Page - Intel Corporation

  LXT381II Datasheet HTML 1Page - Intel Corporation LXT381II Datasheet HTML 2Page - Intel Corporation LXT381II Datasheet HTML 3Page - Intel Corporation LXT381II Datasheet HTML 4Page - Intel Corporation LXT381II Datasheet HTML 5Page - Intel Corporation LXT381II Datasheet HTML 6Page - Intel Corporation LXT381II Datasheet HTML 7Page - Intel Corporation LXT381II Datasheet HTML 8Page - Intel Corporation LXT381II Datasheet HTML 9Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 36 page
background image
LXT381 — Octal E1 Line Interface Unit
4
Datasheet
Figures
1
LXT381 144-Pin Low-Profile Quad Flat Package (LQFP) Pin Assignments and
Package Markings5
2
LXT381 160-Pin Plastic Ball Grid Array (PBGA) Pin Assignments ....................... 6
3
Analog Loopback ................................................................................................ 15
4
Remote Looback ................................................................................................. 15
5
External Transmit/Receive Line Circuitry ........................................................... 17
6
LXT381 JTAG Architecture ................................................................................. 18
7
JTAG State Diagram ........................................................................................... 20
8
Analog Test Port Application .............................................................................. 26
9
Transmit Clock Timing ........................................................................................ 30
10
Receive Timing Diagram ..................................................................................... 31
11
JTAG Timing ....................................................................................................... 31
12
E1 Mask Templates ............................................................................................ 33
13
LXT381 144 Pin LQFP Package Dimensions ..................................................... 34
14
LXT381 160 Pin PBGA Package Dimensions..................................................... 35
Tables
1
LXT381 Pin Description ........................................................................................ 7
2
Operation Mode Summary .................................................................................. 16
3
TAP State Description ......................................................................................... 19
4
Boundary Scan Register (BSR) .......................................................................... 21
5
Device Identification Register (IDR) .................................................................... 24
6
Analog Port Scan Register (ASR) ....................................................................... 24
7
Instruction Register (IR) ...................................................................................... 26
8
Absolute Maximum Ratings ................................................................................ 27
9
Recommended Operating Conditions ................................................................. 27
11
Transmit Transmission Characteristics ............................................................... 28
10
DC Characteristics .............................................................................................. 28
12
Receive Transmission Characteristics ................................................................ 29
13
Analog Test Port Characteristics......................................................................... 30
14
Transmit Timing Characteristics.......................................................................... 30
15
Receive Timing Characteristics........................................................................... 30
16
JTAG Timing Characteristics .............................................................................. 31
17
Transformer Specifications ................................................................................. 32
18
G.703 2.048 Mbit/s Pulse Mask Specifications ................................................... 32



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com