Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LXT381II Datasheet(PDF) 27 Page - Intel Corporation

Part # LXT381II
Description  Octal E1 Line Interface Unit
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

LXT381II Datasheet(HTML) 27 Page - Intel Corporation

Back Button LXT381II Datasheet HTML 23Page - Intel Corporation LXT381II Datasheet HTML 24Page - Intel Corporation LXT381II Datasheet HTML 25Page - Intel Corporation LXT381II Datasheet HTML 26Page - Intel Corporation LXT381II Datasheet HTML 27Page - Intel Corporation LXT381II Datasheet HTML 28Page - Intel Corporation LXT381II Datasheet HTML 29Page - Intel Corporation LXT381II Datasheet HTML 30Page - Intel Corporation LXT381II Datasheet HTML 31Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 36 page
background image
Octal E1 Line Interface — LXT381
Datasheet
27
4.0
Test Specifications
Note:
Table 8 through Table 18 and Figure 9 through Figure 12 represent the performance specifications
of the LXT381 and are guaranteed by test except, where noted, by design. The minimum and
maximum values listed in Table 10 through Table 18 are guaranteed over the recommended
operating conditions specified in Table 9.
Table 8.
Absolute Maximum Ratings
Parameter
Symbol
Min
Max
Unit
DC supply voltage
Vcc0, Vcc1, Tvcc 0-
7
-0.5
4.0
V
DC supply voltage
Vccio0, Vccio1,
-0.5
7.0
V
Input voltage on any digital pin
Vin
GND-0.5
GND-0.5
VCCIO0 + 0.5
VCCIO1 + 0.5
V
V
Input voltage on RTIP, RRING1
Vin
GND-0.5
VCC0 + 0.5
VCC1 + 0.5
V
ESD voltage on any Pin 2
Vin
2000
-
V
Transient latch-up current on any pin
Iin
-
100
mA
Input current on any digital pin 3
Iin
-10
10
mA
DC input current on TTIP, TRING 3
Iin
-
±100
mA
DC input current on RTIP, RRING 3
Iin
-
±100
mA
Storage temperature
Tstor
-65
+150
°C
Maximum package power dissipation
PP
850
mW
Thermal resistance, junction to ambient,
144 pin LQFP package
28
°C/W
Thermal resistance, junction to ambient,
160 pin PBGA package
28
°C/W
Caution: Exceeding these values may cause permanent damage.
Caution: Functional operation under these conditions is not implied.
Caution: Exposure to maximum rating conditions for extended periods may affect device reliability.
1. Referenced to ground.
2. Human body model.
3. Constant input current.
Table 9.
Recommended Operating Conditions
Parameter
Sym
Min.
Typ.
Max.
Unit
Test Condition
DC supply voltage
Vcc
3.135
3.3
3.465
V
3.3V ± 5%
Digital I/O DC supply voltage
Vcc
3.135
3.3
5.25
V
Ambient operating temperature
Ta
-40
25
+85
°C
1. Current consumption over the full operating temperature and power supply voltage range.
2. Digital inputs are within 10% of the supply rails and digital outputs are driving a 50pF load.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com