Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LXT381II Datasheet(PDF) 21 Page - Intel Corporation

Part # LXT381II
Description  Octal E1 Line Interface Unit
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

LXT381II Datasheet(HTML) 21 Page - Intel Corporation

Back Button LXT381II Datasheet HTML 17Page - Intel Corporation LXT381II Datasheet HTML 18Page - Intel Corporation LXT381II Datasheet HTML 19Page - Intel Corporation LXT381II Datasheet HTML 20Page - Intel Corporation LXT381II Datasheet HTML 21Page - Intel Corporation LXT381II Datasheet HTML 22Page - Intel Corporation LXT381II Datasheet HTML 23Page - Intel Corporation LXT381II Datasheet HTML 24Page - Intel Corporation LXT381II Datasheet HTML 25Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 36 page
background image
Octal E1 Line Interface — LXT381
Datasheet
21
3.3.1
Boundary Scan Register (BSR)
The BSR is a shift register that provides access to all the digital I/O pins. The BSR is used to apply
and read test patterns to/from the board. Each pin is associated with a scan cell in the BSR register.
Bidirectional pins or tristatable pins require more than one position in the register. Table 4 shows
the BSR scan cells and their functions. Data into the BSR is shifted in LSB first
.
Table 4.
Boundary Scan Register (BSR)
Bit #
Pin
Signal
I/O
Type
Bit
Symbol
Comments
0LOOP0
I/O
PDO0
1
LOOP0
I/O
PADD0
2LOOP1
I/O
PDO1
3LOOP1
I/O
PADI1
4LOOP2
I/O
PDO2
5LOOP2
I/O
PADI2
6LOOP3
I/O
PDO3
7LOOP3
I/O
PADI3
8LOOP4
I/O
PDO4
9LOOP4
I/O
PADI4
10
LOOP5
I/O
PDO5
11
LOOP5
I/O
PADI5
12
LOOP6
I/O
PDO6
13
LOOP6
I/O
PADI6
14
LOOP7
I/O
PDO7
15
LOOP7
I/O
PADI7
16
N/A
-
PDOEN
PDOEN controls the LOOP0 through LOOP7 pins.
Setting PDOEN to “1” configures the pins as outputs. The output value to
the pin is set in PDO[0..7].
Setting PDOEN to “0” tristates all the pins. The input value to the pins can
be read in PADD[0.7].
17
TCLK1
I
TCLK1
18
TPOS1
I
TPOS1
19
TNEG1
I
TNEG1
20
RCLK1
O
RCLK1
21
RPOS1
O
RPOS1
22
RNEG1
O
RNEG1
23
N/A
-
HIZB1
HIZB1 controls the RPOS1, RNEG1 and RCLK1 pins. Setting HIZB1 to
“1” enables output on the pins. Setting HIZB1 to “0” tristates the pins.
24
LOS1
O
LOS1
25
TCLK0
I
TCLK0
26
TPOS0
I
TPOS0
27
TNEG0
I
TNEG0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com