Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LXT381II Datasheet(PDF) 14 Page - Intel Corporation

Part # LXT381II
Description  Octal E1 Line Interface Unit
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

LXT381II Datasheet(HTML) 14 Page - Intel Corporation

Back Button LXT381II Datasheet HTML 10Page - Intel Corporation LXT381II Datasheet HTML 11Page - Intel Corporation LXT381II Datasheet HTML 12Page - Intel Corporation LXT381II Datasheet HTML 13Page - Intel Corporation LXT381II Datasheet HTML 14Page - Intel Corporation LXT381II Datasheet HTML 15Page - Intel Corporation LXT381II Datasheet HTML 16Page - Intel Corporation LXT381II Datasheet HTML 17Page - Intel Corporation LXT381II Datasheet HTML 18Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 36 page
background image
LXT381 — Octal E1 Line Interface
14
Datasheet
When TCLK is held high for at least 12
µs, TPOS and TNEG become RZ formatted inputs. In this
mode, TPOS and TNEG control the pulse width and polarity on TTIP and TRING.
If TCLK is held Low, the output drivers enter a low power, high impedance mode. The OE pin can also
be used to set all the output drivers to an high impedance mode. This feature is useful for
redundancy/protection applications.
Each output driver is supplied by a separate power supply (TVCC and TGND).
2.2.1
Transmit Pulse Shaping
In NRZ mode, the transmitted pulse shape is internally generated using a high speed D/A
converter. Shaped pulses are further applied to the line driver for transmission onto the line at TTIP
and TRING. The line driver provides a constant low output impedance regardless of whether it is
driving marks, spaces or if it is in transition. This well controlled dynamic impedance provides
excellent return loss when used with external precision resistors (± 1% accuracy) in series with the
transformer. See Figure 5.
The LXT381 produces 2.048 MHz pulses for both 75
Ω coaxial (2.37 V) or 120 Ω shielded
twisted-pair (3.0 V) lines through an output transformer with a 1:2 step up pulse transformer and 11
Ω series resistors. No transmit component changes are required in 75 or 120 Ω operation as the
output driver dynamically adjusts its output pulse amplitude.
2.3
Interfacing with 5V logic
The LXT381 can interface with 5V logic. In this case, the VCCIO pins should be connected to a
5V power supply. The VCCIO pins feed the digital I/O pads making the input/output voltage levels
consistent with 5V logic. See Table 10. The internal logic will still operate from the 3.3V supply
(VCC0 and VCC1) to minimize the power consumption.
2.4
Line Protection
In the receive side, the 1 k
Ω series resistors protect the receiver against current surges coupled into
the device. Due to the high receiver impedance (70 k
Ω typ.) the resistors do not affect the receiver
sensitivity. In the transmit side, the Schottky diodes D1-D4 protect the output driver.While not
mandatory for normal operation, these protection elements are strongly recommended to improve
the design robustness.
2.5
Loopbacks
The LXT381 offers two loopback modes for diagnostic purposes. The loopback mode is selected
with the LOOPn pins.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com