Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LXT381II Datasheet(PDF) 13 Page - Intel Corporation

Part # LXT381II
Description  Octal E1 Line Interface Unit
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

LXT381II Datasheet(HTML) 13 Page - Intel Corporation

Back Button LXT381II Datasheet HTML 9Page - Intel Corporation LXT381II Datasheet HTML 10Page - Intel Corporation LXT381II Datasheet HTML 11Page - Intel Corporation LXT381II Datasheet HTML 12Page - Intel Corporation LXT381II Datasheet HTML 13Page - Intel Corporation LXT381II Datasheet HTML 14Page - Intel Corporation LXT381II Datasheet HTML 15Page - Intel Corporation LXT381II Datasheet HTML 16Page - Intel Corporation LXT381II Datasheet HTML 17Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 36 page
background image
Octal E1 Line Interface — LXT381
Datasheet
13
2.0
Functional Description
The LXT381 is a fully integrated octal line interface unit designed for G.703 2.048 Mbps
applications. Each transceiver front end interfaces with four lines, one pair for transmit, one pair
for receive. These two lines comprise a digital data loop for full duplex transmission. The LXT381
is designed to operate as an analog front-end (line driver and data recovery) without any reference
clock.
2.1
Receiver
The eight receivers in the LXT381 are identical. The following paragraphs describe the operation
of a single receiver.
The receive signal is input to the LIU via a 1:1 transformer. See Figure 5. A peak detector samples
the received signal and determines its maximum value. A percentage of the peak value is provided
to the data slicers to ensure optimum signal-to-noise ratio.
The receiver is capable of accurately recovering signals with up to 12dB of attenuation (from 2.37
V nominal), corresponding to a received signal level of approximately 500 mV. Regardless of
received signal level, the peak detectors are held above a minimum level of 150 mV to provide
immunity from impulsive noise. After processing through the data slicers, the received signal is
routed to the data ports and to the receive monitor.
Recovered data is output at RPOS and RNEG. RPOS/RNEG polarity is determined by the RPOL
pin. In addition, RPOS and RNEG are internally connected to an EXOR that is fed to the RCLK
output for external clock recovery applications.
The receivers in the LXT381 can be powered down using the RPD pin. In this case, the receiver
outputs RCLK/RPOS/RNEG will be in a high impedance state.
2.1.1
Loss Of Signal Detector
The LXT381 includes an analog LOS detector (ALOS pins) compliant with ITU-G.775
recommendation. The LXT381 monitors the incoming signal amplitude. Any signal below 200mV
for more than 30
µs (typ) will assert the corresponding ALOS pin. The LOS condition is cleared
when the signal amplitude rises above 250mV. The LXT381 requires more than 10 and less than
255 bit periods to declare a LOS condition in accordance to ITU G.775.
During the LOS condition, the receiver outputs (RPOS and RNEG) will be held high.
2.2
Transmitter
The eight low power transmitters of the LXT381 are identical.
The LXT381 transmitters can work either with NRZ or RZ formatted signals, depending on the
TCLK state. See Table 2. When TCLK is active, NRZ data applied to TPOS/TNEG is clocked
serially into the device. The TPOS/TNEG inputs are sampled on the falling edge of TCLK.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com