Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LXT381II Datasheet(PDF) 10 Page - Intel Corporation

Part # LXT381II
Description  Octal E1 Line Interface Unit
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

LXT381II Datasheet(HTML) 10 Page - Intel Corporation

Back Button LXT381II Datasheet HTML 6Page - Intel Corporation LXT381II Datasheet HTML 7Page - Intel Corporation LXT381II Datasheet HTML 8Page - Intel Corporation LXT381II Datasheet HTML 9Page - Intel Corporation LXT381II Datasheet HTML 10Page - Intel Corporation LXT381II Datasheet HTML 11Page - Intel Corporation LXT381II Datasheet HTML 12Page - Intel Corporation LXT381II Datasheet HTML 13Page - Intel Corporation LXT381II Datasheet HTML 14Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 36 page
background image
LXT381 — Octal E1 Line Interface
10
Datasheet
78
M14
RCLK2
DO
Receive Clock Output.
79
80
L12
L13
TNEG2
TPOS2
DI
DI
Transmit Negative Data Input.
Transmit Positive Data Input.
81
L14
TCLK2
DI
Transmit Clock Input.
82
K13
NC
NC
Not Connected. This pin must be left open for normal operation.
83
K14
NC
NC
Not Connected. This pin must be left open for normal operation.
84
J11
GND
S
Ground. This pin must be connected to Ground.
85
J12
GND
S
Ground. This pin must be connected to Ground.
86
J13
GND
S
Ground. This pin must be connected to Ground.
87
J14
GND
S
Ground. This pin must be connected to Ground.
88
H12
GND
S
Ground. This pin must be connected to Ground.
89
H11
GND1
S
Ground (Core).
90
H14
VCC1
S
Power (Core).
91
G11
GNDIO1
S
Ground (I/O).
92
G14
VCCIO1
S
Power (I/O).
93
G13
AT2
AO
JTAG Analog Output Test Port 2.
94
H13
AT1
AI
JTAG Analog Input Test Port 1.
95
G12
TRST
DI
JTAG Controller Reset Input. Input is used to reset JTAG controller.
TRST is pulled up internally and may be left disconnected.
96
F11
TMS
DI
JTAG Test Mode Select Input. Used to control the test logic state
machine. Sampled on rising edge of TCK. TMS is pulled up internally and
may be left disconnected.
97
F14
TCK
DI
JTAG Clock Input. Clock input for JTAG. Connect to GND when not used.
98
F13
TDO
DO
JTAG Data Output. Test Data Output for JTAG. Used for reading all serial
configuration and test data from internal test logic. Updated on falling edge
of TCK.
99
F12
TDI
DI
JTAG Data Input. Test Data input for JTAG. Used for loading serial
instructions and data into internal test logic. Sampled on rising edge of
TCK. TDI is pulled up internally and may be left disconnected.
100
D14
TCLK5
DI
Transmit Clock Input.
101
102
D13
D12
TPOS5
TNEG5
DI
DI
Transmit Positive Data Input.
Transmit Negative Data Input.
103
C14
RCLK5
DO
Receive Clock Output.
104
105
C13
C12
RPOS5
RNEG5
DO
DO
Receive Positive Data Output.
Receive Negative Data Output.
106
E12
ALOS5
DO
Analog Loss of Signal Output.
107
B14
TCLK4
DI
Transmit Clock Input.
Table 1.
LXT381 Pin Description (Continued)
Pin #
LQFP
Pin #
PBGA
Symbol
I/O1
Description
1. DI: Digital Input; DO: Digital Output; DI/O: Digital Bidirectional Port; AI: Analog Input; AO: Analog Output S: Power Supply;
N.C.: Not
Connected.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com