Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LXT381II Datasheet(PDF) 30 Page - Intel Corporation

Part # LXT381II
Description  Octal E1 Line Interface Unit
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

LXT381II Datasheet(HTML) 30 Page - Intel Corporation

Back Button LXT381II Datasheet HTML 26Page - Intel Corporation LXT381II Datasheet HTML 27Page - Intel Corporation LXT381II Datasheet HTML 28Page - Intel Corporation LXT381II Datasheet HTML 29Page - Intel Corporation LXT381II Datasheet HTML 30Page - Intel Corporation LXT381II Datasheet HTML 31Page - Intel Corporation LXT381II Datasheet HTML 32Page - Intel Corporation LXT381II Datasheet HTML 33Page - Intel Corporation LXT381II Datasheet HTML 34Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 36 page
background image
LXT381 — Octal E1 Line Interface
30
Datasheet
Table 13. Analog Test Port Characteristics
Parameter
Sym
Min.
Typ.
Max.
Unit
Test Condition
3 dB Bandwidth
at13db
-
5
-
MHz
Input voltage range
at1iv
0
-
VCC0
VCC1
V
Output voltage range
at2ov
0
-
VCC0
VCC1
V
Table 14. Transmit Timing Characteristics
Parameter
Sym
Min.
Typ.
Max.
Unit
Test Condition
Output pulse width
TW
219
244
269
ns
Transmit clock frequency
TCLK
-
2.048
-
MHz
Transmit clock tolerance
TCLKT
-50
-
+50
ppm
Transmit clock duty cycle
tDC
10
-
90
%
NRZ mode
TPOS/TNEG pulse width (RZ mode)
tMPW
236
-
252
ns
RZ mode (TCLK = H for
>16 clock cycles)
TPOS/TNEG to TCLK setup time
TSUT
20
-
-
ns
TCLK to TPOS/TNEG hold time
THT
20
-
-
ns
Delay time OE Low to driver Hi-Z
TOEZ
--
1
µS
Delay time TCLK Low to driver Hi-Z
TTZ
8-
15
µS
Figure 9. Transmit Clock Timing
Table 15. Receive Timing Characteristics
Parameter
Sym
Min.
Typ.
Max.
Unit
Test Condition
Rise/fall time 1
Tr
20
-
-
ns
@ CL=15 pF
RPOS/RNEG pulse width
Tpwl
200
244
300
ns
Receiver throughput delay
Trxd
-
85
-
ns
Delay time between RPOS/RNEG and RCLK
-
-
-
5
ns
1. For all digital outputs.
TCLK
TPOS
TNEG
tSUT
tHT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com