Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LXT381II Datasheet(PDF) 32 Page - Intel Corporation

Part # LXT381II
Description  Octal E1 Line Interface Unit
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

LXT381II Datasheet(HTML) 32 Page - Intel Corporation

Back Button LXT381II Datasheet HTML 28Page - Intel Corporation LXT381II Datasheet HTML 29Page - Intel Corporation LXT381II Datasheet HTML 30Page - Intel Corporation LXT381II Datasheet HTML 31Page - Intel Corporation LXT381II Datasheet HTML 32Page - Intel Corporation LXT381II Datasheet HTML 33Page - Intel Corporation LXT381II Datasheet HTML 34Page - Intel Corporation LXT381II Datasheet HTML 35Page - Intel Corporation LXT381II Datasheet HTML 36Page - Intel Corporation  
Zoom Inzoom in Zoom Outzoom out
 32 / 36 page
background image
LXT381 — Octal E1 Line Interface
32
Datasheet
Table 17. Transformer Specifications
Tx/Rx
Turns Ratio
Primary
Inductance
mH
(min.)
Leakage
Inductance
µH
(max.)
Interwinding
Capacitance
pF
(max.)
DCR
Ω
(max.)
Dielectric Breakdown
Voltage V1
(min.)
TX
1:2
1.2
0.60
60
0.70 pri
1.20 sec
1500 Vrms
RX
1:1
1.2
0.60
60
1.10 pri
1.10 sec
1500 Vrms
1. This parameter is application dependent.
Table 18. G.703 2.048 Mbit/s Pulse Mask Specifications
Parameter
Cable
Unit
TWP
Coax
Test load impedance
120
75
Ω
Nominal peak mark voltage
3.0
2.37
V
Nominal peak space voltage
0 ±0.30
0 ±0.237
V
Nominal pulse width
244
244
ns
Ratio of positive and negative pulse amplitudes at center of pulse
95-105
95-105
%
Ratio of positive and negative pulse amplitudes at nominal half amplitude
95-105
95-105
%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com