Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LXT381II Datasheet(PDF) 22 Page - Intel Corporation

Part # LXT381II
Description  Octal E1 Line Interface Unit
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

LXT381II Datasheet(HTML) 22 Page - Intel Corporation

Back Button LXT381II Datasheet HTML 18Page - Intel Corporation LXT381II Datasheet HTML 19Page - Intel Corporation LXT381II Datasheet HTML 20Page - Intel Corporation LXT381II Datasheet HTML 21Page - Intel Corporation LXT381II Datasheet HTML 22Page - Intel Corporation LXT381II Datasheet HTML 23Page - Intel Corporation LXT381II Datasheet HTML 24Page - Intel Corporation LXT381II Datasheet HTML 25Page - Intel Corporation LXT381II Datasheet HTML 26Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 36 page
background image
LXT381 — Octal E1 Line Interface
22
Datasheet
28
RCLK0
O
RCLK0
29
RPOS0
O
RPOS0
30
RNEG0
O
RNEG0
31
N/A
-
HIZB0
HIZB0 controls the RPOS0, RNEG0 and RCLK0 pins. Setting HIZB0 to
“1” enables output on the pins. Setting HIZB0 to “0” tristates the pins.
32
LOS0
O
LOS0
33
-
-
RESERVED1
34
LOS3
O
LOS3
35
RNEG3
O
RNEG3
36
RPOS3
O
RPOS3
37
N/A
-
HIZB3
HIZB3 controls the RPOS3, RNEG3 and RCLK3 pins. Setting HIZB3 to
“1” enables output on the pins. Setting HIZB3 to “0” tristates the pins.
38
RCLK3
O
RCLK3
39
TNEG3
I
TNEG3
40
TPOS3
I
TPOS3
41
TCLK3
I
TCLK3
42
LOS2
O
LOS2
43
RNEG2
O
RNEG2
44
RPOS2
O
RPOS2
45
N/A
-
HIZB2
HIZB2 controls the RPOS2, RNEG2 and RCLK2 pins. Setting HIZB2 to
“1” enables output on the pins. Setting HIZB2 to “0” tristates the pins.
46
RCLK2
O
RCLK2
47
TNEG2
I
TNEG2
48
TPOS2
I
TPOS2
49
TCLK2
I
TCLK2
50
-
-
RESERVED2
51
-
-
RESERVED3
52
-
-
RESERVED4
53
-
-
RESERVED5
54
-
-
RESERVED6
55
-
-
RESERVED7
56
-
-
RESERVED8
57
-
-
RESERVED9
58
TCLK5
I
TCLK5
59
TPOS5
I
TPOS5
60
TNEG5
I
TNEG5
61
RCLK5
O
RCLK5
62
RPOS5
O
RPOS5
Table 4.
Boundary Scan Register (BSR) (Continued)
Bit #
Pin
Signal
I/O
Type
Bit
Symbol
Comments



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com