Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LXT381II Datasheet(PDF) 11 Page - Intel Corporation

Part # LXT381II
Description  Octal E1 Line Interface Unit
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

LXT381II Datasheet(HTML) 11 Page - Intel Corporation

Back Button LXT381II Datasheet HTML 7Page - Intel Corporation LXT381II Datasheet HTML 8Page - Intel Corporation LXT381II Datasheet HTML 9Page - Intel Corporation LXT381II Datasheet HTML 10Page - Intel Corporation LXT381II Datasheet HTML 11Page - Intel Corporation LXT381II Datasheet HTML 12Page - Intel Corporation LXT381II Datasheet HTML 13Page - Intel Corporation LXT381II Datasheet HTML 14Page - Intel Corporation LXT381II Datasheet HTML 15Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 36 page
background image
Octal E1 Line Interface — LXT381
Datasheet
11
108
109
B13
B12
TPOS4
TNEG4
DI
DI
Transmit Positive Data Input.
Transmit Negative Data Input.
110
A14
RCLK4
DO
Receive Clock Output.
111
112
A13
A12
RPOS4
RNEG4
DO
DO
Receive Positive Data Output.
Receive Negative Data Output.
113
E11
ALOS4
DO
Analog Loss of Signal Output.
114
E14
OE
DI
Output Driver Enable Input.
If this pin is asserted Low all analog driver outputs immediately enter a high
impedance mode to support redundancy applications without external
mechanical relays. All other internal circuitry stays active.
115
E13
RPOL
DI
Receive Polarity Select Input. Determines RPOS/RNEG polarity.
RPOS/RNEG are active High output polarity when RPOL is High and
active Low polarity when RPOL is Low.
116
A11, B11
TVCC4
S
Transmit Driver Power Supply. Power supply pin for the output driver.
117
118
B10
A10
TTIP4
TRING4
AO
AO
Transmit Tip Output.
Transmit Ring Output.
119
A9, B9
TGND4
S
Transmit Driver Ground. Ground pin for the output driver.
120
121
A8
B8
RTIP4
RRING4
AI
AI
Receive Tip Input.
Receive Ring Input.
122
C9, D9
TGND5
S
Transmit Driver Ground. Ground pin for the output driver.
123
124
C10
D10
TRING5
TTIP5
AO
AO
Transmit Ring Output.
Transmit Tip Output.
125
C11, D11
TVCC5
S
Transmit Driver Power Supply. Power supply pin for the output driver.
126
127
D8
C8
RRING5
RTIP5
AI
AI
Receive Ring Input.
Receive Tip Input.
128
C4, D4
TVCC6
S
Transmit Driver Power Supply. Power supply pin for the output driver.
129
130
D5
C5
TTIP6
TRING6
AO
AO
Transmit Tip Output.
Transmit Ring Output.
131
C6, D6
TGND6
S
Transmit Driver Ground. Ground pin for the output driver.
132
133
D7
C7
RRING6
RTIP6
AI
AI
Receive Ring Input.
Receive Tip Input.
134
A6, B6
TGND7
S
Transmit Driver Ground. Ground pins for the output driver.
135
136
B5
A5
TTIP7
TRING7
AO
AO
Transmit Tip Output.
Transmit Ring Output.
137
A4, B4
TVCC7
S
Transmit Driver Power Supply. Power supply pin for the output driver.
138
139
B7
A7
RRING7
RTIP7
AI
AI
Receive Ring Input.
Receive Tip Input.
140
E4
ALOS7
DO
Analog Loss of Signal Output.
Table 1.
LXT381 Pin Description (Continued)
Pin #
LQFP
Pin #
PBGA
Symbol
I/O1
Description
1. DI: Digital Input; DO: Digital Output; DI/O: Digital Bidirectional Port; AI: Analog Input; AO: Analog Output S: Power Supply;
N.C.: Not
Connected.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com