Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LXT381II Datasheet(PDF) 17 Page - Intel Corporation

Part # LXT381II
Description  Octal E1 Line Interface Unit
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

LXT381II Datasheet(HTML) 17 Page - Intel Corporation

Back Button LXT381II Datasheet HTML 13Page - Intel Corporation LXT381II Datasheet HTML 14Page - Intel Corporation LXT381II Datasheet HTML 15Page - Intel Corporation LXT381II Datasheet HTML 16Page - Intel Corporation LXT381II Datasheet HTML 17Page - Intel Corporation LXT381II Datasheet HTML 18Page - Intel Corporation LXT381II Datasheet HTML 19Page - Intel Corporation LXT381II Datasheet HTML 20Page - Intel Corporation LXT381II Datasheet HTML 21Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 36 page
background image
Octal E1 Line Interface — LXT381
Datasheet
17
Figure 5. External Transmit/Receive Line Circuitry
0.1
µF
3.3V
R
T
R
T
1:2
TTIP
TRING
RTIP
RRING
R
R
R
R
0.22
µF
1:1
2
Typical value. Adjust for actual board parasitics to obtain optimum return loss.
68
µF
1
1
Common decoupling capacitor for all TVCC and TGND pins.
TVCC
D1
D2
TVCC
D3
D4
560pF
2
1k
Ω
1k
Ω
Rx LINE
Tx LINE
VCC
GND
LXT381
(ONE CHANNEL)
0.1
µF
3.3V
3.3V
TVS1
3
3
3
Transformer turns ratio tolerance is ± 2%. See Test Specifications Section for transformer specifications.
COMPONENT
APPLICATION
75
Ω COAX
120
Ω TWISTED PAIR
R
T
R
R
11
Ω ±1%
11
Ω ±1%
37.5
Ω ±1%
60
Ω ±1%
D1 - D4
INTERNATIONAL RECTIFIER
11DQ04 or 10BQ060
MOTOROLA
MBR0540T1
TVS1
SGS-THOMSON
SMLVT 3V3 3.3V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com