Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LXT381II Datasheet(PDF) 29 Page - Intel Corporation

Part # LXT381II
Description  Octal E1 Line Interface Unit
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

LXT381II Datasheet(HTML) 29 Page - Intel Corporation

Back Button LXT381II Datasheet HTML 25Page - Intel Corporation LXT381II Datasheet HTML 26Page - Intel Corporation LXT381II Datasheet HTML 27Page - Intel Corporation LXT381II Datasheet HTML 28Page - Intel Corporation LXT381II Datasheet HTML 29Page - Intel Corporation LXT381II Datasheet HTML 30Page - Intel Corporation LXT381II Datasheet HTML 31Page - Intel Corporation LXT381II Datasheet HTML 32Page - Intel Corporation LXT381II Datasheet HTML 33Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 36 page
background image
Octal E1 Line Interface — LXT381
Datasheet
29
Difference between pulse sequences
-
-
-
200
mV
For 17 consecutive
pulses
Pulse width ratio of the positive and negative pulses
-
0.95
-
1.05
-
At the nominal half
amplitude
Transmit transformer turns ratio for 75/120
Ω
characteristic impedance
--
1:2
-
-
Rt = 11
Ω ± 1%
Transmit return loss
75
Ω coaxial 1
51kHz to 102 kHz
102 kHz to 2.048 MHz
2.048 MHz to 3.072 MHz
-
15
15
15
17
18
17
-
dB
dB
dB
Using components in the
LXD381 evaluation
board
Transmit return loss,
120
Ω twisted pair
cable 1
51kHz to 102 kHz
102 kHz to 2.048 MHz
2.048 MHz to 3.072 MHz
-
15
15
15
18
19
18
-
dB
dB
dB
Using components in the
LXD381 evaluation
board
Transmit intrinsic jitter; 20Hz to 100kHz
-
-
0.030
0.050
U.I.
Tx path TCLK is jitter
free
Table 12. Receive Transmission Characteristics
Parameter
Sym
Min.
Typ.
Max.
Unit
Test Condition
Permissible cable attenuation
-
-
-
12
dB
@1024 kHz
Receiver dynamic range
DR
0.5
-
-
Vp
Signal to noise interference margin
S/I
-15
-
-
dB
Per G.703, O.151 @ 6 dB
cable attenuation
Data decision threshold
SRE
43
50
57
%
Rel. to peak input voltage
Data receiver squelch level
-
-
150
-
mV
Loss of signal threshold
-
-
200
-
mV
LOS hysteresis
-
-
50
-
mV
Receiver input impedance
-
-
70
-
k
Ω
@ 1.024 MHz
Input termination resistor tolerance
-
-
±1
%
Input return
loss1
51 kHz - 102 kHz
102 - 2048 kHz
2048kHz - 3072 kHz
-
20
20
20
--
dB
dB
dB
Measured against nominal
impedance
LOS delay time
-
-
30
-
µs
LOS reset
-
10
-
255
marks
1. Guaranteed by design and other correlation methods.
Table 11. Transmit Transmission Characteristics (Continued)
Parameter
Sym
Min.
Typ.
Max.
Unit
Test Condition
1. Guaranteed by design and other correlation methods.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com