Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LXT381II Datasheet(PDF) 24 Page - Intel Corporation

Part # LXT381II
Description  Octal E1 Line Interface Unit
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

LXT381II Datasheet(HTML) 24 Page - Intel Corporation

Back Button LXT381II Datasheet HTML 20Page - Intel Corporation LXT381II Datasheet HTML 21Page - Intel Corporation LXT381II Datasheet HTML 22Page - Intel Corporation LXT381II Datasheet HTML 23Page - Intel Corporation LXT381II Datasheet HTML 24Page - Intel Corporation LXT381II Datasheet HTML 25Page - Intel Corporation LXT381II Datasheet HTML 26Page - Intel Corporation LXT381II Datasheet HTML 27Page - Intel Corporation LXT381II Datasheet HTML 28Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 36 page
background image
LXT381 — Octal E1 Line Interface
24
Datasheet
3.3.2
Device Identification Register (IDR)
The IDR register provides access to the manufacturer number, part number and the LXT381
revision. The register is arranged per IEEE 1149.1 and is represented in Table 5. Data into the IDR
is shifted in LSB first
.
3.3.3
Bypass Register (BYR)
The Bypass Register is a 1 bit register that allows direct connection between the TDI input and the
TDO output.
3.3.4
Analog Port Scan Register (ASR)
The ASR is a 5 bit shift register used to control the analog test port at pins AT1, AT2. When the
INTEST_ANALOG instruction is selected, TDI connects to the ASR input and TDO connects to
the ASR output. After 5 TCK rising edges, a 5 bit control code is loaded into the ASR. Data into
the ASR is shifted in LSB first.
Table 6 shows the 16 possible control codes and the corresponding operation on the analog port.
The Analog Test Port can be used to verify continuity across the coupling transformers primary
winding
.
96
-
-
RESERVED14
97
-
-
RESERVED15
98
-
-
RESERVED16
Table 4.
Boundary Scan Register (BSR) (Continued)
Bit #
Pin
Signal
I/O
Type
Bit
Symbol
Comments
Table 5.
Device Identification Register (IDR)
Bit #
Comments
31 - 28
Revision Number
27 - 12
Part Number
11 - 1
Manufacturer Number
0Set to ‘1’
Table 6.
Analog Port Scan Register (ASR)
ASR Control Code
AT1 Forces Voltage To:
AT2 Senses Voltage From:
11111
TTIP0
TRING0
11110
TTIP1
TRING1
11101
TTIP2
TRING2
11100
TTIP3
TRING3
11011
TTIP4
TRING4
11010
TTIP5
TRING5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com