Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB84604 Datasheet(PDF) 21 Page - Microchip Technology

Part # USB84604
Description  USB 2.0 HSIC Hi-Speed 4-Port Controller Hub
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

USB84604 Datasheet(HTML) 21 Page - Microchip Technology

Back Button USB84604 Datasheet HTML 17Page - Microchip Technology USB84604 Datasheet HTML 18Page - Microchip Technology USB84604 Datasheet HTML 19Page - Microchip Technology USB84604 Datasheet HTML 20Page - Microchip Technology USB84604 Datasheet HTML 21Page - Microchip Technology USB84604 Datasheet HTML 22Page - Microchip Technology USB84604 Datasheet HTML 23Page - Microchip Technology USB84604 Datasheet HTML 24Page - Microchip Technology USB84604 Datasheet HTML 25Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 61 page
background image
 2014-2016 Microchip Technology Inc.
DS60001295C-page 21
USB84604
4.0
POWER CONNECTIONS
4.1
Integrated Power Regulators
The integrated 3.3 V and 1.2 V power regulators provide flexibility to the system in providing power the device. Several
different configurations are allowed in order to align the power structure to supplies available in the system.
The regulators are controlled by RESET_N. When RESET_N is brought high, the 3.3 V regulator will turn on. When
RESET_N is brought low the 3.3 V regulator will turn off.
4.1.1
3.3 V REGULATOR
The device has an integrated regulator to convert from VBAT to 3.3 V.
4.1.2
1.2 V REGULATOR
The device has an integrated regulator to convert from a variable voltage input on VDDCOREREG to 1.2 V. The 1.2 V
regulator is tolerant to the presence of low voltage (~0 V) on the VDDCOREREG pin in order to support system power
solutions where a supply is not always present in low power states.
The 1.2 V regulator supports an input voltage range consistent with a 1.8 V input in order to reduce power consumption
in systems which provide multiple power supply levels. In addition, the 1.2 V regulator supports an input voltage up to
3.3 V for systems which provide only a single power supply. The device will support operation where the 3.3 V regulator
output can drive the 1.2 V regulator input such that VBAT is the only required supply.
4.2
Power Configurations
The device supports operation with no back current when power is connected in each of the following configurations.
Power connection diagrams for these configurations are included in Section 4.3, "Power Connection Diagrams," on
page 22.
4.2.1
SINGLE SUPPLY CONFIGURATIONS
4.2.1.1
VBAT Only
VBAT may be tied to the VBAT system supply. VDD33, VDDA33, and VDDCOREREG must be tied together on the
board. In this configuration the 3.3 V and 1.2 V regulators will be active. For HSIC operation, VDD12 may be tied to
VDDCR12.
4.2.1.2
3.3 V Only
VBAT may be tied to the 3.3 V system supply. VDD33, VDDA33, and VDDCOREREG must be tied together on the
board. In this configuration the 3.3 V regulator will operate in dropout mode and the 1.2 V regulator will be active. For
HSIC operation, VDD12 may be tied to VDDCR12.
4.2.2
DUAL SUPPLY CONFIGURATIONS
4.2.2.1
VBAT + 1.8 V
VBAT may be tied to the VBAT system supply. VDDCOREREG may be tied to the 1.8 V system supply. In this configu-
ration, the 3.3 V regulator and the 1.2 V regulator will be active. For HSIC operation, VDD12 may be tied to VDDCR12.
4.2.2.2
3.3 V + 1.8 V
VBAT may be tied to the 3.3 V system supply. VDDCOREREG may be tied to the 1.8 V system supply. In this configu-
ration the 3.3 V regulator will operate in dropout mode and the 1.2 V regulator will be active. For HSIC operation, VDD12
may be tied to VDDCR12.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com