Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB84604 Datasheet(PDF) 4 Page - Microchip Technology

Part # USB84604
Description  USB 2.0 HSIC Hi-Speed 4-Port Controller Hub
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

USB84604 Datasheet(HTML) 4 Page - Microchip Technology

  USB84604 Datasheet HTML 1Page - Microchip Technology USB84604 Datasheet HTML 2Page - Microchip Technology USB84604 Datasheet HTML 3Page - Microchip Technology USB84604 Datasheet HTML 4Page - Microchip Technology USB84604 Datasheet HTML 5Page - Microchip Technology USB84604 Datasheet HTML 6Page - Microchip Technology USB84604 Datasheet HTML 7Page - Microchip Technology USB84604 Datasheet HTML 8Page - Microchip Technology USB84604 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 61 page
background image
USB84604
DS60001295C-page 4
 2014-2016 Microchip Technology Inc.
1.0
GENERAL DESCRIPTION
The Microchip USB84604 is a low-power, OEM configurable, MTT (Multi-Transaction Translator) USB 2.0 controller hub
with 4 downstream ports and advanced features for embedded USB applications. The USB84604 is fully compliant with
the USB 2.0 Specification [ 2], USB 2.0 Link Power Management Addendum, High-Speed Inter-Chip (HSIC) USB Elec-
trical Specification Revision 1.0 [ 4], and will attach to an upstream port as a Full-Speed hub or as a Full-/Hi-Speed hub.
The 4-port hub supports Low-Speed, Full-Speed, and Hi-Speed (if operating as a Hi-Speed hub) downstream devices
on all of the enabled downstream (non-HSIC) ports. HSIC ports support only Hi-Speed operation.
The USB84604 has been specifically optimized for embedded systems where high performance and minimal BOM
costs are critical design requirements. Standby mode power has been minimized and reference clock inputs can be
aligned to the customer’s specific application. Flexible power rail options ease integration into energy efficient designs
by allowing the USB84604 to be powered in a single-source (VBUS, VBAT, 3.3 V) or a dual-source (VBAT + 1.8, 3.3 V
+ 1.8) configuration. Additionally, all required resistors on the USB ports are integrated into the hub, including all series
termination and pull-up/pull-down resistors on the D+ and D- pins.
The USB84604 supports downstream battery charging. The USB84604 includes embedded USB device/slave function-
ality which is dedicated for use as a USB to I2C/SPI interface, allowing external circuits or devices to be monitored, con-
trolled, or configured via the USB interface. Additionally, the USB84604 includes many powerful and unique features
such as:
FlexConnect, which provides flexible connectivity options. The USB84604’s downstream port 1 can be swapped with
the upstream port, allowing master capable devices to control other devices on the hub.
MultiTRAKTM Technology, which utilizes a dedicated Transaction Translator (TT) per port to maintain consistent full-
speed data throughput regardless of the number of active downstream connections. MultiTRAKTM outperforms conven-
tional USB 2.0 hubs with a single TT in USB full-speed data transfers.
PortMap, which provides flexible port mapping and disable sequences. The downstream ports of a USB84604 hub can
be reordered or disabled in any sequence to support multiple platform designs with minimum effort. For any port that is
disabled, the USB84604 Hub Controller automatically reorders the remaining ports to match the USB host controller’s
port numbering scheme.
PortSwap, which adds per-port programmability to USB differential-pair pin locations. PortSwap allows direct alignment
of USB signals (D+/D-) to connectors to avoid uneven trace length or crossing of the USB differential signals on the
PCB.
PHYBoost, which provides programmable levels of Hi-Speed USB signal drive
strength in the downstream port transceivers. PHYBoost can restore USB signal
integrity in a compromised system environment. The graphic on the right shows an
example of Hi-Speed USB eye diagrams before and after PHYBoost signal integrity
restoration.
VariSense, which controls the USB receiver sensitivity enabling programmable lev-
els of USB signal receive sensitivity. This capability allows operation in a sub-optimal
system environment, such as when a captive USB cable is used.
The USB84604 is available for the automotive temperature range (-40 ºC to 85 ºC).
Available firmware revisions are shown in the Product Identification System on page 59: ‘001080’ and ‘001070’. The
‘001080’ version enables the internal Hub Feature Controller, while the ‘001070’ version disables it. There are no addi-
tional differences between these two versions.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com