Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB84604 Datasheet(PDF) 13 Page - Microchip Technology

Part # USB84604
Description  USB 2.0 HSIC Hi-Speed 4-Port Controller Hub
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

USB84604 Datasheet(HTML) 13 Page - Microchip Technology

Back Button USB84604 Datasheet HTML 9Page - Microchip Technology USB84604 Datasheet HTML 10Page - Microchip Technology USB84604 Datasheet HTML 11Page - Microchip Technology USB84604 Datasheet HTML 12Page - Microchip Technology USB84604 Datasheet HTML 13Page - Microchip Technology USB84604 Datasheet HTML 14Page - Microchip Technology USB84604 Datasheet HTML 15Page - Microchip Technology USB84604 Datasheet HTML 16Page - Microchip Technology USB84604 Datasheet HTML 17Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 61 page
background image
 2014-2016 Microchip Technology Inc.
DS60001295C-page 13
USB84604
1
SPI Data
Output
SPI_DO
O6
SPI data output
SPI Speed
Select
Configuration
Strap
SPI_SPD_SEL
IS
(PD)
This strap is used to select the speed of the SPI.
0 = 30 MHz (default)
1 = 60 MHz
Note:
If the latched value on reset is 1, this
pin is tri-stated when the chip is in the
suspend state. If the latched value on
reset is 0, this pin is driven low during
a suspend state.
See Note 2 for more information on configuration
straps.
General Pur-
pose I/O 5
PIO5
IS/O6/
OD6
General purpose I/O 5
Note:
If the SPI is disabled, by setting the
SPI_MASTER_DIS bit in the UTIL_-
CONFIG1 register, this pin may be
used as PIO5.
1
SPI Data
Input
SPI_DI
IS
(PD)
SPI data input
General Pur-
pose I/O 9
PIO9
IS/O6/
OD6
General purpose I/O 9
Note:
If the SPI is disabled, by setting the
SPI_DISABLE bit in the UTIL_CON-
FIG1 register, this pin may be used as
PIO9.
Misc.
1
Port 1
Over-Current
Sense Input
OCS1_N
IS
(PU)
Firmware 1070, 1080: This active-low signal is
input from an external current monitor to indicate
an over-current condition on USB Port 1.
General Pur-
pose I/O 17
PIO17
IS/O8/
OD8
Firmware 1070, 1080: General purpose I/O 17
1
Port 2
Over-Current
Sense Input
OCS2_N
IS
(PU)
This active-low signal is input from an external
current monitor to indicate an over-current condi-
tion on USB Port 2.
General Pur-
pose I/O 18
PIO18
IS/O8/
OD8
General purpose I/O 18
TABLE 3-1:
PIN DESCRIPTIONS (CONTINUED)
Num Pins
Name
Symbol
Buffer
Type
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com