Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB84604 Datasheet(PDF) 51 Page - Microchip Technology

Part # USB84604
Description  USB 2.0 HSIC Hi-Speed 4-Port Controller Hub
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

USB84604 Datasheet(HTML) 51 Page - Microchip Technology

Back Button USB84604 Datasheet HTML 47Page - Microchip Technology USB84604 Datasheet HTML 48Page - Microchip Technology USB84604 Datasheet HTML 49Page - Microchip Technology USB84604 Datasheet HTML 50Page - Microchip Technology USB84604 Datasheet HTML 51Page - Microchip Technology USB84604 Datasheet HTML 52Page - Microchip Technology USB84604 Datasheet HTML 53Page - Microchip Technology USB84604 Datasheet HTML 54Page - Microchip Technology USB84604 Datasheet HTML 55Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 61 page
background image
 2014-2016 Microchip Technology Inc.
DS60001295C-page 51
USB84604
9.7
Clock Specifications
The device can accept either a 24 MHz crystal or a 24 MHz single-ended clock oscillator input. If the single-ended clock
oscillator method is implemented, XTAL1 should be left unconnected and REFCLK should be driven with a clock that
adheres to the specifications outlined in Section 9.7.2, "External Reference Clock (REFCLK)".
9.7.1
OSCILLATOR/CRYSTAL
It is recommended that a crystal utilizing matching parallel load capacitors be used for the crystal input/output signals
(XTAL1I/XTAL2). See Table 9-13 for the recommended crystal specifications.
9.7.2
EXTERNAL REFERENCE CLOCK (REFCLK)
The following input clock specifications are suggested:
• 50% duty cycle
 10%
• 24 MHz
 350 PPM
TABLE 9-13:
CRYSTAL SPECIFICATIONS
Parameter
Symbol
Min
Nom
Max
Units
Notes
Crystal Cut
AT, typ
Crystal Oscillation Mode
Fundamental Mode
Crystal Calibration Mode
Parallel Resonant Mode
Frequency
Ffund
-
24.000
-
MHz
Total Allowable PPM Budget
-
-
+/-350
PPM
Operating Temperature Range
Note 11
-
Note 12
°C
Note 11: -40 °C for automotive version.
Note 12: +85 °C for automotive version.
Note:
The external clock is recommended to conform to the signalling levels designated in the JEDEC specifica-
tion on 1.2 V CMOS Logic although maximum values of 3.6 V are stated in Section 9.1, "Absolute Maxi-
mum Ratings*," on page 40 and in Table 9-8, “DC Electrical Characteristics,” on page 46. XTAL2 should
be treated as a no connect when an external clock is supplied.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com