Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB84604 Datasheet(PDF) 14 Page - Microchip Technology

Part # USB84604
Description  USB 2.0 HSIC Hi-Speed 4-Port Controller Hub
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

USB84604 Datasheet(HTML) 14 Page - Microchip Technology

Back Button USB84604 Datasheet HTML 10Page - Microchip Technology USB84604 Datasheet HTML 11Page - Microchip Technology USB84604 Datasheet HTML 12Page - Microchip Technology USB84604 Datasheet HTML 13Page - Microchip Technology USB84604 Datasheet HTML 14Page - Microchip Technology USB84604 Datasheet HTML 15Page - Microchip Technology USB84604 Datasheet HTML 16Page - Microchip Technology USB84604 Datasheet HTML 17Page - Microchip Technology USB84604 Datasheet HTML 18Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 61 page
background image
USB84604
DS60001295C-page 14
 2014-2016 Microchip Technology Inc.
1UART
Receive Input
UART_RX
IS
Internal UART receive input
Note:
This is a 3.3 V signal. For RS232 oper-
ation, an external 12 V translator is
required.
Port 3
Over-Current
Sense Input
OCS3_N
IS
(PU)
This active-low signal is input from an external
current monitor to indicate an over-current condi-
tion on USB Port 3.
General Pur-
pose I/O 19
PIO19
IS/O8/
OD8
General purpose I/O 19
1UART
Transmit Out-
put
UART_TX
O8
Internal UART transmit output
Note:
This is a 3.3 V signal. For RS232 oper-
ation, an external 12 V driver is
required.
Port 4
Over-Current
Sense Input
OCS4_N
IS
(PU)
This active-low signal is input from an external
current monitor to indicate an over-current condi-
tion on USB Port 4.
General Pur-
pose I/O 20
PIO20
IS/O8/
OD8
General purpose I/O 20
1
System Reset
Input
RESET_N
I_RST
This active-low signal allows external hardware to
reset the device.
Note:
The active-low pulse must be at least
5 µs wide. Refer to Section 8.4.2,
"External Chip Reset (RESET_N)," on
page 38 for additional information.
1
Crystal Input
XTAL1
ICLK
External 24 MHz crystal input
Reference
Clock Input
REFCLK
ICLK
Reference clock input. The device may be alter-
natively driven by a single-ended clock oscillator.
When this method is used, XTAL2 should be left
unconnected.
Crystal Out-
put
XTAL2
OCLK
External 24 MHz crystal output
1
External USB
Transceiver
Bias Resistor
RBIAS
AI
A 12.0 kΩ (+/- 1%) resistor is attached from
ground to this pin to set the transceiver’s internal
bias settings.
TABLE 3-1:
PIN DESCRIPTIONS (CONTINUED)
Num Pins
Name
Symbol
Buffer
Type
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com