Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB84604 Datasheet(PDF) 35 Page - Microchip Technology

Part # USB84604
Description  USB 2.0 HSIC Hi-Speed 4-Port Controller Hub
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

USB84604 Datasheet(HTML) 35 Page - Microchip Technology

Back Button USB84604 Datasheet HTML 31Page - Microchip Technology USB84604 Datasheet HTML 32Page - Microchip Technology USB84604 Datasheet HTML 33Page - Microchip Technology USB84604 Datasheet HTML 34Page - Microchip Technology USB84604 Datasheet HTML 35Page - Microchip Technology USB84604 Datasheet HTML 36Page - Microchip Technology USB84604 Datasheet HTML 37Page - Microchip Technology USB84604 Datasheet HTML 38Page - Microchip Technology USB84604 Datasheet HTML 39Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 61 page
background image
 2014-2016 Microchip Technology Inc.
DS60001295C-page 35
USB84604
7.2
I2C Master Interface
The I2C master interface implements a subset of the I2C Master Specification (Please refer to the Philips Semiconductor
Standard I2C-Bus Specification for details on I2C bus protocols) [ 5]. The device’s I2C master interface relates to the
Standard-Mode I2C Specification (i.e., roundabout 67 kbit/s transfer rate and 7-bit addressing) for protocol and electrical
properties. The device acts as the master and generates the serial clock SCL, controls the bus access (determines
which device acts as the transmitter and which device acts as the receiver), and generates the START and STOP con-
ditions.
7.2.1
PULL-UP RESISTORS FOR I2C
The circuit board designer is required to place external pull-up resistors (10 kΩ recommended) on the SDA & SCL sig-
nals (per SMBus 1.0 Specification) [ 6] to Vcc in order to assure proper operation.
FIGURE 7-5:
SPI JEDEC-ID READ SEQUENCE
Note:
Extensions to the I2C Specification are not supported.
Note:
All device configuration must be performed via the Microchip Protouch Programming Tool. For additional
information on the Protouch Programming Tool, contact your local Microchip sales representative. For the
latest version of the tool refer to the product page of the USB84604 on our web site at www.micro-
chip.com.
SPI_CE_N
SPI_CLK
SPI_DO
SPI_DI
8
9F
MSB
HIGH IMPEDANCE
11 12 13 14 15 16
12 3 4
05
7
6
10
9
17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34
BF
25
8E
MSB
MSB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com