Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB84604 Datasheet(PDF) 39 Page - Microchip Technology

Part # USB84604
Description  USB 2.0 HSIC Hi-Speed 4-Port Controller Hub
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

USB84604 Datasheet(HTML) 39 Page - Microchip Technology

Back Button USB84604 Datasheet HTML 35Page - Microchip Technology USB84604 Datasheet HTML 36Page - Microchip Technology USB84604 Datasheet HTML 37Page - Microchip Technology USB84604 Datasheet HTML 38Page - Microchip Technology USB84604 Datasheet HTML 39Page - Microchip Technology USB84604 Datasheet HTML 40Page - Microchip Technology USB84604 Datasheet HTML 41Page - Microchip Technology USB84604 Datasheet HTML 42Page - Microchip Technology USB84604 Datasheet HTML 43Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 61 page
background image
 2014-2016 Microchip Technology Inc.
DS60001295C-page 39
USB84604
8.5
Link Power Management (LPM)
The device supports the L0 (On), L1 (Sleep), and L2 (Suspend) link power management states per the USB 2.0 Link
Power Management Addendum. These supported LPM states offer low transitional latencies in the tens of microsec-
onds versus the much longer latencies of the traditional USB suspend/resume in the tens of milliseconds. The supported
LPM states are detailed in Table 8-1. For additional information, refer to the USB 2.0 Link Power Management Adden-
dum.
8.6
Suspend (SUSPEND)
When enabled, the SUSPEND signal can be used to indicate that the entire hub has entered the USB suspend state
and that VBUS current consumption should be reduced in accordance with the USB specification [ 2]. Selective suspend
set by the host on downstream hub ports have no effect on this signal because there is no requirement to reduce current
consumption from the upstream VBUS. Suspend can be used by the system to monitor and dynamically adjust how
much current the PMIC draws from VBUS to charge the battery in the system during a USB session. Because it is a
level indication, it will assert or negate to reflect the current status of suspend without any interaction through the
SMBus.
A negation of this signal indicates no level suspend interrupt and device has been configured by the USB Host. The full
configured current can be drawn from the USB VBUS pin on the USB connector for charging - up to 500 mA - depending
on descriptor settings. When asserted, this signal indicates a suspend interrupt or that the device has not yet been con-
figured by USB Host. The current draw can be limited by the system according to the USB specification. The USB spec-
ification limits current to 100 mA before configuration, and up to 12.5 mA in USB suspend mode.
TABLE 8-1:
LPM STATE DEFINITIONS
State
Description
Entry/Exit Time to L0
L2
Suspend
Entry: ~3 ms
Exit: ~2 ms
L1
Sleep
Entry: ~65 µs
Exit: ~100 µs
L0
Fully Enabled (On)
-
Note:
State change timing is approximate and is measured by change in power consumption.
Note:
System clocks are stopped only in suspend mode or when power is removed from the device.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com