Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB84604 Datasheet(PDF) 26 Page - Microchip Technology

Part # USB84604
Description  USB 2.0 HSIC Hi-Speed 4-Port Controller Hub
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

USB84604 Datasheet(HTML) 26 Page - Microchip Technology

Back Button USB84604 Datasheet HTML 22Page - Microchip Technology USB84604 Datasheet HTML 23Page - Microchip Technology USB84604 Datasheet HTML 24Page - Microchip Technology USB84604 Datasheet HTML 25Page - Microchip Technology USB84604 Datasheet HTML 26Page - Microchip Technology USB84604 Datasheet HTML 27Page - Microchip Technology USB84604 Datasheet HTML 28Page - Microchip Technology USB84604 Datasheet HTML 29Page - Microchip Technology USB84604 Datasheet HTML 30Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 61 page
background image
USB84604
DS60001295C-page 26
 2014-2016 Microchip Technology Inc.
5.1.7
NORMAL MODE
Lastly the SOC enters the Normal Mode of operation. In this stage, full USB operation is supported under control of the
USB Host on the upstream port. The device will remain in the normal mode until the operating mode is changed by the
system. The only device registers accessible to the SOC are the run time registers described in AN 26.18 SMBus Slave
Interface for the USB253x/USB3x13/USB46x4 [ 7].
If RESET_N is asserted low, then Standby Mode is entered. The device may then be placed into any of the designated
Hub stages. Asserting the soft disconnect on the upstream port will cause the Hub to return to the Hub.Connect stage
until the soft disconnect is negated.
To save power, communication over the SMBus is not supported while in USB Suspend. The system can prevent the
device from going to sleep by asserting the ClkSusp control bit of the Configure Portable Hub Register (described in AN
26.18 SMBus Slave Interface for the USB253x/USB3x13/USB46x4 [ 7]) anytime before entering USB Suspend. While
the device is kept awake during USB Suspend, it will provide the SMBus functionality at the expense of not meeting
USB requirements for average suspend current consumption.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com