Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB84604 Datasheet(PDF) 10 Page - Microchip Technology

Part # USB84604
Description  USB 2.0 HSIC Hi-Speed 4-Port Controller Hub
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

USB84604 Datasheet(HTML) 10 Page - Microchip Technology

Back Button USB84604 Datasheet HTML 6Page - Microchip Technology USB84604 Datasheet HTML 7Page - Microchip Technology USB84604 Datasheet HTML 8Page - Microchip Technology USB84604 Datasheet HTML 9Page - Microchip Technology USB84604 Datasheet HTML 10Page - Microchip Technology USB84604 Datasheet HTML 11Page - Microchip Technology USB84604 Datasheet HTML 12Page - Microchip Technology USB84604 Datasheet HTML 13Page - Microchip Technology USB84604 Datasheet HTML 14Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 61 page
background image
USB84604
DS60001295C-page 10
 2014-2016 Microchip Technology Inc.
1
Downstream
USB D-
(Swap Port 1)
SWAP_USBDN1_
DM
AIO
Downstream USB Port 1 D- data signal.
Note:
The downstream Port 1 signals can be
optionally swapped with the upstream
Port 0 signals.
Port 1 D-
Disable
Configuration
Strap
PRT_DIS_M1
IS
This strap is used in conjunction with
PRT_DIS_P1 to disable USB Port 1.
0 = Port 1 D- Enabled
1 = Port 1 D- Disabled
Note:
Both PRT_DIS_P1 and PRT_DIS_M1
must be tied to VDD33 at reset to dis-
able the associated port.
See Note 2 for more information on configuration
straps.
1
Downstream
USB D+
(Port 2)
USBDN2_DP
AIO
Downstream USB Port 2 D+ data signal.
Port 2 D+
Disable
Configuration
Strap
PRT_DIS_P2
IS
This strap is used in conjunction with
PRT_DIS_M2 to disable USB Port 2.
0 = Port 2 D+ Enabled
1 = Port 2 D+ Disabled
Note:
Both PRT_DIS_P2 and PRT_DIS_M2
must be tied to VDD33 at reset to dis-
able the associated port.
See Note 2 for more information on configuration
straps.
1
Downstream
USB D-
(Port 2)
USBDN2_DM
AIO
Downstream USB Port 2 D- data signal.
Port 2 D-
Disable
Configuration
Strap
PRT_DIS_M2
IS
This strap is used in conjunction with
PRT_DIS_P2 to disable USB Port 2.
0 = Port 2 D- Enabled
1 = Port 2 D- Disabled
Note:
Both PRT_DIS_P2 and PRT_DIS_M2
must be tied to VDD33 at reset to dis-
able the associated port.
See Note 2 for more information on configuration
straps.
TABLE 3-1:
PIN DESCRIPTIONS (CONTINUED)
Num Pins
Name
Symbol
Buffer
Type
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com