Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB84604 Datasheet(PDF) 12 Page - Microchip Technology

Part # USB84604
Description  USB 2.0 HSIC Hi-Speed 4-Port Controller Hub
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

USB84604 Datasheet(HTML) 12 Page - Microchip Technology

Back Button USB84604 Datasheet HTML 8Page - Microchip Technology USB84604 Datasheet HTML 9Page - Microchip Technology USB84604 Datasheet HTML 10Page - Microchip Technology USB84604 Datasheet HTML 11Page - Microchip Technology USB84604 Datasheet HTML 12Page - Microchip Technology USB84604 Datasheet HTML 13Page - Microchip Technology USB84604 Datasheet HTML 14Page - Microchip Technology USB84604 Datasheet HTML 15Page - Microchip Technology USB84604 Datasheet HTML 16Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 61 page
background image
USB84604
DS60001295C-page 12
 2014-2016 Microchip Technology Inc.
1
Downstream
USB D-
(Port 4)
USBDN4_DM
AIO
Downstream USB Port 4 D- data signal.
Port 4 D-
Disable
Configuration
Strap
PRT_DIS_M4
IS
This strap is used in conjunction with
PRT_DIS_P4 to disable USB Port 4.
0 = Port 4 D- Enabled
1 = Port 4 D- Disabled
Note:
Both PRT_DIS_P4 and PRT_DIS_M4
must be tied to VDD33 at reset to dis-
able the associated port.
See Note 2 for more information on configuration
straps.
I2C/SMBus Interface
1I2C Serial
Clock Input
SCL
I_SMB
I2C/SMBus serial clock output (Bridging)
SMBus Clock
SMBCLK
I_SMB
I2C/SMBus serial clock input
General Pur-
pose I/O 2
PIO2
IS/O8/
OD8
General purpose I/O 2
1I2C Serial
Data
SDA
IS/OD8
I2C bidirectional serial data
SMBus Serial
Data
SMBDATA
IS/OD8
SMBus bidirectional serial data
General Pur-
pose I/O 45
PIO45
IS/O8
OD8
General purpose I/O 45
SPI Master Interface
1
SPI Chip
Enable
Output
SPI_CE_N
O6
Active-low SPI chip enable output.
Note:
If the SPI is enabled, this pin will be
driven high in powerdown states.
1
SPI Clock
Output
SPI_CLK
O6
SPI clock output
General Pur-
pose I/O 4
PIO4
IS/O6/
OD6
General purpose I/O 4
Note:
If the SPI is disabled, by setting the
SPI_MASTER_DIS bit in the UTIL_-
CONFIG1 register, this pin may be
used as PIO4.
TABLE 3-1:
PIN DESCRIPTIONS (CONTINUED)
Num Pins
Name
Symbol
Buffer
Type
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com