Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB84604 Datasheet(PDF) 17 Page - Microchip Technology

Part # USB84604
Description  USB 2.0 HSIC Hi-Speed 4-Port Controller Hub
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

USB84604 Datasheet(HTML) 17 Page - Microchip Technology

Back Button USB84604 Datasheet HTML 13Page - Microchip Technology USB84604 Datasheet HTML 14Page - Microchip Technology USB84604 Datasheet HTML 15Page - Microchip Technology USB84604 Datasheet HTML 16Page - Microchip Technology USB84604 Datasheet HTML 17Page - Microchip Technology USB84604 Datasheet HTML 18Page - Microchip Technology USB84604 Datasheet HTML 19Page - Microchip Technology USB84604 Datasheet HTML 20Page - Microchip Technology USB84604 Datasheet HTML 21Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 61 page
background image
 2014-2016 Microchip Technology Inc.
DS60001295C-page 17
USB84604
Note 1: When the device is configured to enable the HSIC upstream port, the USB Product ID (PID) will be 0x4604.
When the device is configured to enable the USB upstream port, the USB PID will be 0x4504.
1
Battery Power
Supply Input
VBAT
P
Battery power supply input. When VBAT is con-
nected directly to a +3.3 V supply from the sys-
tem, the internal +3.3 V regulator runs in dropout
and regulator power consumption is eliminated. A
4.7 µF (<1 Ω ESR) capacitor to ground is required
for regulator stability. The capacitor should be
placed as close as possible to the device. Refer to
Chapter 4.0 Power Connections on page 21 for
power connection information.
3+3.3 V
Analog Power
Supply
VDDA33
P
+3.3 V analog power supply. A 1.0 µF (<1 Ω ESR)
capacitor to ground is required for regulator stabil-
ity. The capacitor should be placed as close as
possible to the device. Refer to Chapter 4.0
Power Connections on page 21 for power connec-
tion information.
2+3.3 V Power
Supply
VDD33
P
+3.3 V power supply. These pins must be con-
nected to VDDA33. Refer to Chapter 4.0 Power
Connections on page 21 for power connection
information.
1
+1.8 - 3.3 V
Core Power
Supply Input
VDDCOREREG
P
+1.8 - 3.3 V core power supply input to internal
+1.2 V regulator. This pin may be connected to
VDD33 for single supply applications when VBAT
equals +3.3 V. Running in a dual supply configu-
ration with VDDCOREREG at a lower voltage,
such as +1.8 V, may reduce overall system power
consumption. In dual supply configurations, a 4.7
µF (<1 Ω ESR) capacitor to ground is required for
regulator stability. The capacitor should be placed
as close as possible to the device. Refer to
Chapter 4.0 Power Connections on page 21 for
power connection information.
3
+1.2 V Core
Power Supply
VDDCR12
P
+1.2 V core power supply. In single supply appli-
cations or dual supply applications where 1.2 V is
not used, a 1.0 µF (<1 Ω ESR) capacitor to
ground is required for regulator stability. The
capacitor should be placed as close as possible to
the device. Refer to Chapter 4.0 Power Connec-
tions on page 21 for power connection informa-
tion.
1
+1.2 V HSIC
Power
Supply Input
VDD12
P
+1.2 V HSIC power supply input. Refer to
Chapter 4.0 Power Connections on page 21 for
power connection information.
Exposed
Pad on
package bot-
tom
(Figure 2-1)
Ground
VSS
P
Common ground. This exposed pad must be con-
nected to the ground plane with a via array.
TABLE 3-1:
PIN DESCRIPTIONS (CONTINUED)
Num Pins
Name
Symbol
Buffer
Type
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com