Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB84604 Datasheet(PDF) 59 Page - Microchip Technology

Part # USB84604
Description  USB 2.0 HSIC Hi-Speed 4-Port Controller Hub
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

USB84604 Datasheet(HTML) 59 Page - Microchip Technology

Back Button USB84604 Datasheet HTML 53Page - Microchip Technology USB84604 Datasheet HTML 54Page - Microchip Technology USB84604 Datasheet HTML 55Page - Microchip Technology USB84604 Datasheet HTML 56Page - Microchip Technology USB84604 Datasheet HTML 57Page - Microchip Technology USB84604 Datasheet HTML 58Page - Microchip Technology USB84604 Datasheet HTML 59Page - Microchip Technology USB84604 Datasheet HTML 60Page - Microchip Technology USB84604 Datasheet HTML 61Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 59 / 61 page
background image
 2014-2016 Microchip Technology Inc.
DS60001295C-page 59
USB84604
PRODUCT IDENTIFICATION SYSTEM
To order or obtain information, e.g., on pricing or delivery, refer to the factory or the listed sales office
.
Device:
USB84604
Temperature
Range:
A= -40
C to +85C
Package:
F
=
QFN Dimple Package (48-pin)
Tape and Reel
Option:
Blank = Standard packaging (tray)
T
= Tape and Reel(1)
Pattern
B
= Product Version
ROM/Firmware
001070 = ROM/Firmware combination
001080 = ROM/Firmware combination
Version
Vxx
=Automotive Designator
Examples:
a)
USB84604AF-B-001080-V03
-40
C to + 85°C,
QFN Dimple Package (48-pin),
Tray,
B,
001080 (Hub Controller disabled)
V03
b)
USB84604AFT-B-001080-V03
-40°C to + 85°C,
QFN Dimple Package (48-pin),
Tape & Reel,
B,
001080 (Hub Controller enabled)
V03
Note 1:
Tape and Reel identifier only appears in the
catalog part number description. This
identifier is used for ordering purposes and is
not printed on the device package. Check
with your Microchip Sales Office for package
availability with the Tape and Reel option.
.
PART NO.
[X]
X
Range
Device
(1)
-
Option
Temperature Package
[X]
Tape and Reel
X
Product
-
Version
ROM/
XXXXXX
Firmware
-
Version
Vxx



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com