Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB84604 Datasheet(PDF) 1 Page - Microchip Technology

Part # USB84604
Description  USB 2.0 HSIC Hi-Speed 4-Port Controller Hub
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

USB84604 Datasheet(HTML) 1 Page - Microchip Technology

  USB84604 Datasheet HTML 1Page - Microchip Technology USB84604 Datasheet HTML 2Page - Microchip Technology USB84604 Datasheet HTML 3Page - Microchip Technology USB84604 Datasheet HTML 4Page - Microchip Technology USB84604 Datasheet HTML 5Page - Microchip Technology USB84604 Datasheet HTML 6Page - Microchip Technology USB84604 Datasheet HTML 7Page - Microchip Technology USB84604 Datasheet HTML 8Page - Microchip Technology USB84604 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 61 page
background image
 2014-2016 Microchip Technology Inc.
DS60001295C-page 1
Highlights
• Controller Hub IC with 4 downstream ports
• High-Speed Inter-Chip (HSIC) support
- Upstream port selectable between HSIC or
USB 2.0
• USB-IF Battery Charger revision 1.2 support on
downstream ports (DCP, CDP, SDP)
• Battery charging support for Apple® devices
• FlexConnect: Downstream port 1 able to swap
with upstream port, allowing master capable
devices to control other devices on the hub
• USB to I2CTM/SPI/GPIO/UART bridge support
through the Hub Controller
• Device functionality and configuration for USB
host/slave swapping is also provided by external
SPI Flash
• USB Link Power Management (LPM) support
• SUSPEND pin for remote wakeup indication to
host
• Start Of Frame (SOF) synchronized clock output
pin
• Vendor Specific Messaging (VSM) support
• Enhanced OEM configuration options available
through OTP or SMBus Slave Port
• Flexible power rail support
- VBUS or VBAT only operation
- 3.3 V only operation
- VBAT + 1.8 V operation
- 3.3 V + 1.8 V operation
• 48-pin (7x7 mm) QFN RoHS compliant package
Target Applications
• Automotive head unit
• Automotive breakout box
• Navigation devices
• Automotive consumer connectivity ports
• Smart phones requiring host and device modes
• Rear seat infotainment access
Key Benefits
• MultiTRAKTM
- Dedicated Transaction Translator per port
• PortMap
- Configurable port mapping and disable
sequencing
• PortSwap
- Configurable differential intra-pair signal
swapping
• PHYBoostTM
- Programmable USB transceiver drive
strength for recovering signal integrity
• VariSenseTM
- Programmable USB receiver sensitivity
• Low power operation
• Full Power Management with individual or ganged
power control of each downstream port
• Built-in Self-Powered or Bus-Powered internal
default settings provide flexibility in the quantity of
USB expansion ports utilized without redesign
• Supports OTP configurable flash
• Fully integrated USB termination and Pull-up/Pull-
down resistors
• On-chip Power On Reset (POR)
• Internal 3.3 V and 1.2 V voltage regulators
• On Board 24 MHz Crystal Driver, Resonator, or
External 24 MHz clock input
• Temperature range: -40 ºC to 85 ºC
USB84604
USB 2.0 HSIC Hi-Speed 4-Port Controller Hub


Similar Part No. - USB84604

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
USB82640 MICROCHIP-USB82640 Datasheet
1Mb / 64P
Automotive USB 2.0 Hub and Flash Media Card Controller Combo
01/27/15
USB82640AM-D-000727 MICROCHIP-USB82640AM-D-000727 Datasheet
1Mb / 64P
Automotive USB 2.0 Hub and Flash Media Card Controller Combo
01/27/15
USB82640AMR-D-000527 MICROCHIP-USB82640AMR-D-000527 Datasheet
1Mb / 64P
Automotive USB 2.0 Hub and Flash Media Card Controller Combo
01/27/15
USB82642 MICROCHIP-USB82642 Datasheet
707Kb / 64P
Automotive USB 2.0 Hub and Flash Media Card Controller Combo
02/28/20
USB82642AM-A-000528-V02 MICROCHIP-USB82642AM-A-000528-V02 Datasheet
707Kb / 64P
Automotive USB 2.0 Hub and Flash Media Card Controller Combo
02/28/20
More results

Similar Description - USB84604

ManufacturerPart #DatasheetDescription
logo
SMSC Corporation
USB2533 SMSC-USB2533 Datasheet
891Kb / 61P
USB 2.0 Hi-Speed 3-Port Hub Controller
USB2534 SMSC-USB2534 Datasheet
889Kb / 62P
USB 2.0 Hi-Speed 4-Port Hub Controller
USB4604 SMSC-USB4604 Datasheet
1Mb / 71P
USB 2.0 HSIC Hi-Speed 4-Port Hub Controller
USB4624 SMSC-USB4624 Datasheet
1,014Kb / 68P
USB 2.0 HSIC Hi-Speed 4-Port Hub Controller
logo
Tripp Lite. All Rights ...
U225004R TRIPPLITE-U225004R Datasheet
512Kb / 2P
4-Port USB 2.0 Hi-Speed Hub
logo
Microchip Technology
USB2534 MICROCHIP-USB2534 Datasheet
543Kb / 52P
USB 2.0 Hi-Speed 4-Port Hub Controller
03/25/14
USB3503 MICROCHIP-USB3503 Datasheet
1Mb / 73P
USB 2.0 HSIC High-Speed Hub Controller Optimized
01/27/15
USB4604 MICROCHIP-USB4604 Datasheet
640Kb / 62P
USB 2.0 HSIC Hi-Speed 4-Port Hub Controller
03/25/14
USB4624 MICROCHIP-USB4624 Datasheet
616Kb / 58P
USB 2.0 HSIC Hi-Speed 4-Port Hub Controller
03/25/14
USB2517 MICROCHIP-USB2517 Datasheet
785Kb / 58P
USB 2.0 Hi-Speed 7-Port Hub Controller
07/14/15
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com