Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB84604 Datasheet(PDF) 25 Page - Microchip Technology

Part # USB84604
Description  USB 2.0 HSIC Hi-Speed 4-Port Controller Hub
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

USB84604 Datasheet(HTML) 25 Page - Microchip Technology

Back Button USB84604 Datasheet HTML 21Page - Microchip Technology USB84604 Datasheet HTML 22Page - Microchip Technology USB84604 Datasheet HTML 23Page - Microchip Technology USB84604 Datasheet HTML 24Page - Microchip Technology USB84604 Datasheet HTML 25Page - Microchip Technology USB84604 Datasheet HTML 26Page - Microchip Technology USB84604 Datasheet HTML 27Page - Microchip Technology USB84604 Datasheet HTML 28Page - Microchip Technology USB84604 Datasheet HTML 29Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 61 page
background image
 2014-2016 Microchip Technology Inc.
DS60001295C-page 25
USB84604
5.1
Boot Sequence
5.1.1
STANDBY MODE
If the external hardware reset is asserted, the hub will be in Standby Mode. This mode provides a very low power state
for maximum power efficiency when no signaling is required. This is the lowest power state. In Standby Mode all internal
regulators are powered off, the PLL is not running, and core logic is powered down in order to minimize power consump-
tion. Because core logic is powered off, no configuration settings are retained in this mode and must be re-initialized
after RESET_N is negated high.
5.1.2
HARDWARE INITIALIZATION STAGE (HW_INIT)
The first stage is the initialization stage and occurs on the negation of RESET_N. In this stage the 1.2 V regulator is
enabled and stabilizes, internal logic is reset, and the PLL locks if a valid REFCLK is supplied. Configuration registers
are initialized to their default state and strap input values are latched. The device will complete initialization and auto-
matically enter the next stage. Because the digital logic within the device is not yet stable, no communication with the
device using the SMBus is possible. Configuration registers are initialized to their default state.
If there is a REFCLK present, the next state is SW_INIT.
5.1.3
SOFTWARE INITIALIZATION STAGE (SW_INIT)
Once the hardware is initialized, the firmware can begin to execute. The internal firmware checks for an external SPI
ROM. The firmware looks for an external SPI flash device that contains a valid signature of “2DFU” (device firmware
upgrade) beginning at address 0xFFFA. If a valid signature is found, then the external ROM is enabled and the code
execution begins at address 0x0000 in the external SPI device. If a valid signature is not found, then execution continues
from internal ROM. SPI ROMs used with the device must be 1 Mbit and support either 30 MHz or 60 MHz. The frequency
used is set using the SPI_SPD_SEL configuration strap. Both 1- and 2-bit SPI operation is supported. For optimum
throughput, a 2-bit SPI ROM is recommended. Both mode 0 and mode 3 SPI ROMS are also supported. Refer to Sec-
tion 6.3.2, "SPI Speed Select (SPI_SPD_SEL)," on page 30 for additional information on selection of the SPI speed.
For all other configurations, the firmware checks for the presence of an external I2C/SMBus. It does this by asserting
two pull down resistors on the data and clock lines of the bus. The pull downs are 50 kΩ. If there are 10 kΩ pull-ups
present, the device becomes aware of the presence of an external SMBus/I2C bus. If a bus is detected, the firmware
transitions to the SOC_CFG state.
5.1.4
SOC CONFIGURATION STAGE (SOC_CFG)
In this stage, the SOC may modify any of the default configuration settings specified in the integrated ROM such as USB
device descriptors, or port electrical settings.
There is no time limit. In this stage the firmware will wait indefinitely for the SMBus/I2C configuration. When the SOC
has completed configuring the device, the Attach command (AA55h) must be sent. Refer to the application note SMBus
Slave Interface for the USB253x/USB3x13/USB46x4 [ 7].
5.1.5
HUB CONFIGURATION STAGE (HUB_CFG)
Once the SOC has indicated that it is done with configuration, then all the configuration data is combined. The default
data, the SOC configuration data, the OTP data are all combined in the firmware and the device is programmed. If the
SOC_CFG state is evaluated, and the OTP data will be added to the SOC settings.
After the device is fully configured, it will go idle and then into suspend if there is no VBUS or Hub.Connect present. If
VBUS is present, and upstream battery charging is not enabled, the device will transition to the Connect (Hub.Connect)
stage.
5.1.6
HUB CONNECT STAGE (HUB.CONNECT)
Once the CHGDET stage is completed, the device enters the Hub.Connect stage. The Hub connect stage is when the
Hub will begin operation according to the USB 2.0 Specification [ 2]. The Hub will monitor the VBUS_DET pin, and when
the signal is high, it will enable the 1.5 kΩ PU on DP and enumerate with the Host.
Note:
OTP can overwrite any configuration the SOC did as shown in Figure 5-1.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com