Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB84604 Datasheet(PDF) 6 Page - Microchip Technology

Part # USB84604
Description  USB 2.0 HSIC Hi-Speed 4-Port Controller Hub
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

USB84604 Datasheet(HTML) 6 Page - Microchip Technology

Back Button USB84604 Datasheet HTML 2Page - Microchip Technology USB84604 Datasheet HTML 3Page - Microchip Technology USB84604 Datasheet HTML 4Page - Microchip Technology USB84604 Datasheet HTML 5Page - Microchip Technology USB84604 Datasheet HTML 6Page - Microchip Technology USB84604 Datasheet HTML 7Page - Microchip Technology USB84604 Datasheet HTML 8Page - Microchip Technology USB84604 Datasheet HTML 9Page - Microchip Technology USB84604 Datasheet HTML 10Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 61 page
background image
USB84604
DS60001295C-page 6
 2014-2016 Microchip Technology Inc.
1.1
Block Diagram
Figure 1-1 details the internal block diagram of the USB84604.
FIGURE 1-1:
SYSTEM BLOCK DIAGRAM
Repeater
Hub
Controller
SIE
Serial
Interface
To I²C Master/Slave
Routing & Port Re-Ordering Logic
SCL
SDA
Port Controller
VDDCR12
TT #3
TT #2
TT #1
1.2 V Reg
RESET_N
VDDCOREREG
TT #4
GPIO
Port Power
TT #5
UDC
20
2 kB
DP
SRAM
8051
Controller
SPI
SPI/I²C
GPIO
Bridge
256 B
IRAM
VDDA33
VBAT
3.3 V Reg
Swap PHY
USB
Down or
Upstream
PHY
USB
Downstream
PHY
USB
Downstream
PHY
USB
Downstream
Flex PHY
Up or Downstream
HSIC/USB
VDD33
4 kB
SRAM
32 kB
ROM
2 kB
OTP
Flex HSIC Flex PHY
OCS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com