Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB84604 Datasheet(PDF) 42 Page - Microchip Technology

Part # USB84604
Description  USB 2.0 HSIC Hi-Speed 4-Port Controller Hub
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

USB84604 Datasheet(HTML) 42 Page - Microchip Technology

Back Button USB84604 Datasheet HTML 38Page - Microchip Technology USB84604 Datasheet HTML 39Page - Microchip Technology USB84604 Datasheet HTML 40Page - Microchip Technology USB84604 Datasheet HTML 41Page - Microchip Technology USB84604 Datasheet HTML 42Page - Microchip Technology USB84604 Datasheet HTML 43Page - Microchip Technology USB84604 Datasheet HTML 44Page - Microchip Technology USB84604 Datasheet HTML 45Page - Microchip Technology USB84604 Datasheet HTML 46Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 61 page
background image
USB84604
DS60001295C-page 42
 2014-2016 Microchip Technology Inc.
9.3
Package Thermal Specifications
The following thermal parameters are valid for ePAD = 5.1 x 5.1 mm.
9.4
Power Consumption
This section details the power consumption of the device as measured during various modes of operation. Power dis-
sipation is determined by temperature, supply voltage, and external source/sink requirements.
9.4.1
OPERATIONAL / UNCONFIGURED
9.4.1.1
HSIC Upstream
TABLE 9-1:
PACKAGE THERMAL PARAMETERS
Parameter
Symbol
°C/W
Velocity (meters/s)
Thermal Resistance Junction to Ambient
JA
31
0
Thermal Resistance Junction to Ambient
JA
27
1
Thermal Resistance Junction to Top of Case
JC
3.4
Thermal Resistance Junction to Board
JB
17
Thermal Resistance Junction to Bottom of Case
JT
0.2
0
Thermal Resistance Junction to Bottom of Case
JT
0.4
1
TABLE 9-2:
OPERATIONAL/UNCONFIGURED POWER CONSUMPTION (HSIC UPSTREAM)
Typical (mA)
Maximum (mA)
VBAT
VDDCOREREG
(Note 8)
VBAT
VDDCOREREG
(Note 8)
HS Host / 1 HS Device
30
40
35
45
HS Host / 2 HS Devices
50
50
60
55
HS Host / 4 HS Devices
90
60
100
70
HS Host / 1 FS Device
15
30
20
40
HS Host / 2 FS Devices
20
35
20
45
HS Host / 4 FS Devices
20
40
25
50
Unconfigured
10
20
-
-
Note 8: Includes VDD12 current.
Note:
The regulators are on. Refer to diagram Dual Supply Application in Figure 4-1 Power Connections on page
22.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com