Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB84604 Datasheet(PDF) 37 Page - Microchip Technology

Part # USB84604
Description  USB 2.0 HSIC Hi-Speed 4-Port Controller Hub
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

USB84604 Datasheet(HTML) 37 Page - Microchip Technology

Back Button USB84604 Datasheet HTML 33Page - Microchip Technology USB84604 Datasheet HTML 34Page - Microchip Technology USB84604 Datasheet HTML 35Page - Microchip Technology USB84604 Datasheet HTML 36Page - Microchip Technology USB84604 Datasheet HTML 37Page - Microchip Technology USB84604 Datasheet HTML 38Page - Microchip Technology USB84604 Datasheet HTML 39Page - Microchip Technology USB84604 Datasheet HTML 40Page - Microchip Technology USB84604 Datasheet HTML 41Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 61 page
background image
 2014-2016 Microchip Technology Inc.
DS60001295C-page 37
USB84604
8.0
FUNCTIONAL DESCRIPTIONS
This chapter provides additional functional descriptions of key device features. Alternatively links to references are pro-
vided.
8.1
Battery Charger Charging
The USB84604 supports downstream battery charging. The application note AN 26.19 USB Battery Charging with the
Microchip/SMSC USB2534 Hub Controller [ 8] provides additional information about battery charging.
8.2
SOF Clock Output
The USB84604 provides an 8 kHz clock output synchronized to the USB host SOFs. The SOF output is generated from
the previous SOF packet on the USB line. The device includes an internal free running frame counter to generate inter-
nal start of frame and end of frame events. The internal counter is re-synchronized every time a successful packet is
received and decoded. The internal counter is advanced to compensate for the packet decode time. If the incoming SOF
jitters early or late, the jitter will be visible in the next frame SOF output clock rising edge.
If one or two SOFs are missing, the SOF output will continue based on the internal frame counter. If more than two SOF
are missing, the SOF output signal will stop. The clock is guaranteed to stop in a low state. When enabled or disabled,
there will never be a short cycle.
8.3
Flex Connect
This feature allows the upstream port to be swapped with downstream physical port 1. Only downstream port 1 can be
swapped physically. Using port remapping, any logical port (number assignment) can be swapped with the upstream
port (non-physical). For details refer to the FlexConnect Applications [ 9]
FIGURE 8-1:
SOF OUTPUT TIMING



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com