Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB84604 Datasheet(PDF) 40 Page - Microchip Technology

Part # USB84604
Description  USB 2.0 HSIC Hi-Speed 4-Port Controller Hub
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

USB84604 Datasheet(HTML) 40 Page - Microchip Technology

Back Button USB84604 Datasheet HTML 36Page - Microchip Technology USB84604 Datasheet HTML 37Page - Microchip Technology USB84604 Datasheet HTML 38Page - Microchip Technology USB84604 Datasheet HTML 39Page - Microchip Technology USB84604 Datasheet HTML 40Page - Microchip Technology USB84604 Datasheet HTML 41Page - Microchip Technology USB84604 Datasheet HTML 42Page - Microchip Technology USB84604 Datasheet HTML 43Page - Microchip Technology USB84604 Datasheet HTML 44Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 61 page
background image
USB84604
DS60001295C-page 40
 2014-2016 Microchip Technology Inc.
9.0
OPERATIONAL CHARACTERISTICS
9.1
Absolute Maximum Ratings*
VBAT Supply Voltage (Note 1)
0 V to +5.5 V
VDDCOREREG Supply Voltage (Note 1)
0 V to +3.6 V
Positive voltage on input signal pins, with respect to ground (Note 2)3.6 V
Negative voltage on input signal pins, with respect to ground (Note 3)-0.5 V
Positive voltage on XTAL1/REFCLK, with respect to ground
VDDCR12
Positive voltage on HSIC signals, with respect to ground
1.32 V
Positive voltage on USB DP/DM signals, with respect to ground (Note 4)5.5 V
Storage Temperature
-55 °C to +150 °C
Maximum Junction Temperature (Tjmax)
+125 °C
Lead Temperature Range
Refer to JEDEC Spec. J-STD-020
HBM ESD Performance
JEDEC Class 3A
*Stresses exceeding those listed in this section could cause permanent damage to the device. This is a stress rating
only. Exposure to absolute maximum rating conditions may affect device reliability. Functional operation of the device
at any condition exceeding those indicated in Section 9.2, "Operating Conditions**", Section 9.5, "DC Specifications",
or any other applicable section of this specification is not implied. Note, device signals are NOT 5 volt tolerant unless
specified otherwise.
Note 1: When powering this device from laboratory or system power supplies, it is important that the absolute max-
imum ratings not be exceeded or device failure can result. Some power supplies exhibit voltage spikes on
their outputs when AC power is switched on or off. In addition, voltage transients on the AC power line
may appear on the DC output. If this possibility exists, it is suggested to use a clamp circuit.
Note 2: This rating does not apply to the following signals: All USB DM/DP pins, XTAL1/REFCLK, XTAL2, and all
HSIC signals.
Note 3: This rating does not apply to the HSIC signals.
Note 4: This rating applies only when VDD33 is powered.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com