Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB84604 Datasheet(PDF) 45 Page - Microchip Technology

Part # USB84604
Description  USB 2.0 HSIC Hi-Speed 4-Port Controller Hub
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

USB84604 Datasheet(HTML) 45 Page - Microchip Technology

Back Button USB84604 Datasheet HTML 41Page - Microchip Technology USB84604 Datasheet HTML 42Page - Microchip Technology USB84604 Datasheet HTML 43Page - Microchip Technology USB84604 Datasheet HTML 44Page - Microchip Technology USB84604 Datasheet HTML 45Page - Microchip Technology USB84604 Datasheet HTML 46Page - Microchip Technology USB84604 Datasheet HTML 47Page - Microchip Technology USB84604 Datasheet HTML 48Page - Microchip Technology USB84604 Datasheet HTML 49Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 61 page
background image
 2014-2016 Microchip Technology Inc.
DS60001295C-page 45
USB84604
HSIC Upstream
TABLE 9-7:
DUAL SUPPLY SUSPEND/STANDBY POWER CONSUMPTION (USB UPSTREAM)
Mode
Symbol
Typical @ 25oC
Automotive Max
Unit
Suspend
IVDDCOREREG
90
1300
µA
IVBAT
30
750
µA
IVDD12
5.5
1100
µA
Standby
IVDDCOREREG
0.1
2.5
µA
IVBAT
0.4
2.5
µA
Note:
Typical values measured with VBAT = 4.2 V, VDDCOREREG = 1.8 V, VDD12 = 1.2 V. Maximum values
measured with VBAT = 5.5 V, VDDCOREREG = 2.0 V, VDD12 = 1.32 V.
Note:
The regulators are on for suspend and off for reset/standby. Refer to diagram Dual Supply Application in
Figure 4-1 Power Connections on page 22.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com