Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB84604 Datasheet(PDF) 32 Page - Microchip Technology

Part # USB84604
Description  USB 2.0 HSIC Hi-Speed 4-Port Controller Hub
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

USB84604 Datasheet(HTML) 32 Page - Microchip Technology

Back Button USB84604 Datasheet HTML 28Page - Microchip Technology USB84604 Datasheet HTML 29Page - Microchip Technology USB84604 Datasheet HTML 30Page - Microchip Technology USB84604 Datasheet HTML 31Page - Microchip Technology USB84604 Datasheet HTML 32Page - Microchip Technology USB84604 Datasheet HTML 33Page - Microchip Technology USB84604 Datasheet HTML 34Page - Microchip Technology USB84604 Datasheet HTML 35Page - Microchip Technology USB84604 Datasheet HTML 36Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 61 page
background image
USB84604
DS60001295C-page 32
 2014-2016 Microchip Technology Inc.
After the processor gets the first byte, its address will change. If the address is one more than the last address, the SPI
controller will clock out one more byte. If the address is anything other than one more than the last address, the SPI
controller will terminate the transaction by driving SPI_CE_N high. As long as the addresses are sequential, the SPI
controller will continue clocking data in.
7.1.3
32 BYTE CACHE
There is a 32-byte pipeline cache with an associated base address pointer and length pointer. Once the SPI controller
detects a jump, the base address pointer is initialized to that address. As each new sequential data byte is fetched, the
data is written into the cache and the length is incremented. If the sequential run exceeds 32 bytes, the base address
pointer is incremented to indicate the last 32 bytes fetched. If the firmware performs a jump, and the jump is in the cache
address range, the fetch is done in 1 clock from the internal cache instead of an external access.
7.1.4
INTERFACE OPERATION TO THE SPI PORT WHEN NOT PERFORMING FAST READS
There is a 8-byte command buffer (SPI_CMD_BUF[7:0]), an 8-byte response buffer (SPI_RESP_BUF[7:0]), and a
length register that counts out the number of bytes (SPI_CMD_LEN). Additionally, there is a self-clearing GO bit in the
SPI_CTL register. Once the GO bit is set, device drives SPI_CE_N low and starts clocking. It will then output SPI_CM-
D_LEN x 8 number of clocks. After the first COMMAND byte has been sent out, the SPI_DI input is stored in the
SPI_RESP buffer. If the SPI_CMD_LEN is longer than the SPI_CMD_BUF, don’t cares are sent out on the SPI_DO out-
put.
This mode is used for program execution out of internal RAM or ROM.
Automatic reads and writes happen when there is an external XDATA read or write, using the serial stream that has
been previously discussed.
FIGURE 7-2:
SPI DUAL HI-SPEED READ SEQUENCE
SPI_CE_N
SPI_CLK
SPI_DO
SPI_DI
8
3B
MSB
HIGH IMPEDANCE
15 16
12 3 4
05
7
6
D1
ADD.
23 24
ADD.
ADD.
X
39 40
31 32
44
47 48
51 52
55 56
59
D2
NN+1
D3
N+2
D4
N+3
D5
N+4
MSB
MSB
D1
D2
N
N+1
D3
N+2
D4
N+3
D5
N+4
MSB
43
Bits-7,5,3,1
Bits-7,5,3,1
Bits-7,5,3,1
Bits-7,5,3,1
Bits-6,4,2,0
Bits-6,4,2,0 Bits-6,4,2,0
Bits-6,4,2,0
Bits-7,5,3,1
Bits-6,4,2,0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com