Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB84604 Datasheet(PDF) 48 Page - Microchip Technology

Part # USB84604
Description  USB 2.0 HSIC Hi-Speed 4-Port Controller Hub
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

USB84604 Datasheet(HTML) 48 Page - Microchip Technology

Back Button USB84604 Datasheet HTML 44Page - Microchip Technology USB84604 Datasheet HTML 45Page - Microchip Technology USB84604 Datasheet HTML 46Page - Microchip Technology USB84604 Datasheet HTML 47Page - Microchip Technology USB84604 Datasheet HTML 48Page - Microchip Technology USB84604 Datasheet HTML 49Page - Microchip Technology USB84604 Datasheet HTML 50Page - Microchip Technology USB84604 Datasheet HTML 51Page - Microchip Technology USB84604 Datasheet HTML 52Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 61 page
background image
USB84604
DS60001295C-page 48
 2014-2016 Microchip Technology Inc.
9.6.2
RESET AND CONFIGURATION STRAP TIMING
Figure 9-4 illustrates the RESET_N timing requirements and its relation to the configuration strap signals. Assertion of
RESET_N is not a requirement. However, if used, it must be asserted for the minimum period specified.
Refer to Section 8.4, "Resets," on page 38 for additional information on resets. Refer to Section 6.3, "Device Configu-
ration Straps," on page 29 for additional information on configuration straps.
9.6.3
USB TIMING
All device USB signals conform to the voltage, power, and timing characteristics/specifications as set forth in the Uni-
versal Serial Bus Specification. Please refer to the Universal Serial Bus Specification, Revision 2.0, available at http://
www.usb.org [ 2].
9.6.4
HSIC TIMING
All device HSIC signals conform to the voltage, power, and timing characteristics/specifications as set forth in the High-
Speed Inter-Chip USB Electrical Specification. Please refer to the High-Speed Inter-Chip USB Electrical Specification,
Version 1.0, available at http://www.usb.org [ 4].
9.6.5
SMBus TIMING
All device SMBus signals conform to the voltage, power, and timing characteristics/specifications as set forth in the Sys-
tem Management Bus Specification. Please refer to the System Management Bus Specification, Version 1.0, available
at http://smbus/org/specs [ 6].
9.6.6
I2C TIMING
All device I2C signals conform to the 100 kHz Standard Mode (Sm) voltage, power, and timing characteristics/specifica-
tions as set forth in the I2C-Bus Specification. Please refer to the I2C-Bus Specification, available at http://www.nxp.com
[ 5].
FIGURE 9-4:
RESET_N CONFIGURATION STRAP TIMING
TABLE 9-10:
RESET_N CONFIGURATION STRAP TIMING
Symbol
Description
Min
Typ
Max
Units
trstia
RESET_N input assertion time
5
µs
tcsh
Configuration strap hold after RESET_N deassertion
1
ms
RESET_N
Configuration
Straps
trstia
tcsh



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com