Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB84604 Datasheet(PDF) 41 Page - Microchip Technology

Part # USB84604
Description  USB 2.0 HSIC Hi-Speed 4-Port Controller Hub
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

USB84604 Datasheet(HTML) 41 Page - Microchip Technology

Back Button USB84604 Datasheet HTML 37Page - Microchip Technology USB84604 Datasheet HTML 38Page - Microchip Technology USB84604 Datasheet HTML 39Page - Microchip Technology USB84604 Datasheet HTML 40Page - Microchip Technology USB84604 Datasheet HTML 41Page - Microchip Technology USB84604 Datasheet HTML 42Page - Microchip Technology USB84604 Datasheet HTML 43Page - Microchip Technology USB84604 Datasheet HTML 44Page - Microchip Technology USB84604 Datasheet HTML 45Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 61 page
background image
 2014-2016 Microchip Technology Inc.
DS60001295C-page 41
USB84604
9.2
Operating Conditions**
VBAT Supply Voltage
+3.0 V to +5.5 V
VDDCOREREG Supply Voltage
Note 5
Power Supply Rise Time
Note 6
Ambient Operating Temperature in Still Air (TA)
Note 7
**Proper operation of the device is guaranteed only within the ranges specified in this section.
Note 5: +1.6 V to +2.0 V when VDDCOREREG is connected to an external +1.8 V power supply, +3.0 V to +3.6 V
when VDDCOREREG is connected to VDD33.
Note 6: The power supply rise time requirements vary dependant on the usage of the external reset (RESET_N).
If RESET_N is asserted at power-on, the power supply rise time must be 10 ms or less (tRT(max) = 10 ms).
If RESET_N is not used at power-on (tied high), the power supply rise time must be 1 ms or less (tRT(max)
= 1 ms). Higher voltage supplies must always be at an equal or higher voltage than lower voltage supplies.
Figure 9-1 and Figure 9-2 illustrate the supply rise time requirements.
Note 7: -40 °C to +85 °C for automotive version.
FIGURE 9-1:
SINGLE SUPPLY RISE TIME MODEL
FIGURE 9-2:
DUAL SUPPLY RISE TIME MODEL
t10%
10%
90%
Voltage
tRT
t90%
Time
100%
VBAT
VSS
VBAT
t10%
10%
90%
Voltage
tRT
t90%
Time
100%
VBAT
VSS
VBAT
90%
100%
1.8 V
VDDCOREREG



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com