Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB84604 Datasheet(PDF) 15 Page - Microchip Technology

Part # USB84604
Description  USB 2.0 HSIC Hi-Speed 4-Port Controller Hub
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

USB84604 Datasheet(HTML) 15 Page - Microchip Technology

Back Button USB84604 Datasheet HTML 11Page - Microchip Technology USB84604 Datasheet HTML 12Page - Microchip Technology USB84604 Datasheet HTML 13Page - Microchip Technology USB84604 Datasheet HTML 14Page - Microchip Technology USB84604 Datasheet HTML 15Page - Microchip Technology USB84604 Datasheet HTML 16Page - Microchip Technology USB84604 Datasheet HTML 17Page - Microchip Technology USB84604 Datasheet HTML 18Page - Microchip Technology USB84604 Datasheet HTML 19Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 61 page
background image
 2014-2016 Microchip Technology Inc.
DS60001295C-page 15
USB84604
1
Suspend
Output
SUSPEND
PU
Firmware 1070, 1080: This signal is used to indi-
cate that the entire hub has entered the USB sus-
pend state and that VBUS current consumption
should be reduced in accordance with the USB
specification [ 2]. Refer to Section 8.6, "Suspend
(SUSPEND)," on page 39 for additional informa-
tion.
Note:
SUSPEND is disabled by default and
must be enabled via the ProTouch
configuration tool.
General Pur-
pose I/O 0
PIO0
IS/O8/
OD8
Firmware 1070, 1080: General purpose I/O 0
Note:
If the SUSPEND output is disabled,
this pin may be used as PIO0.
1
SOF Syn-
chronized
8 kHz Clock
Output
SOF
O8
This signal outputs an 8 kHz clock synchronized
with the USB Host SOF.
Note:
SOF output is controlled via the
SOF_ENABLE bit in the UTIL_CON-
FIG1 register. This feature is not
enabled by default.
General Pur-
pose I/O 1
PIO1
IS/O8/
OD8
General purpose I/O 1
Note:
If the SOF output is disabled, by clear-
ing the SOF_ENABLE bit in the UTIL_-
CONFIG1 register, this pin may be
used as PIO1.
1
Detect
Upstream
VBUS Power
VBUS_DET
IS
Detects state of upstream bus power.
When designing a detachable hub, this pin must
be connected to the VBUS power pin of the
upstream USB port through a resistor divider
(50 kΩ by 100 kΩ) to provide 3.3 V.
For self-powered applications with a permanently
attached host, this pin must be connected to
either 3.3 V or 5.0 V through a resistor divider to
provide 3.3 V.
In embedded applications, VBUS_DET may be
controlled (toggled) when the host desires to
renegotiate a connection without requiring a full
reset of the device.
General Pur-
pose I/O 16
PIO16
IS/O8/
OD8
General purpose I/O 16
TABLE 3-1:
PIN DESCRIPTIONS (CONTINUED)
Num Pins
Name
Symbol
Buffer
Type
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com