Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LAN9250 Datasheet(PDF) 230 Page - Microchip Technology

Part # LAN9250
Description  Integrated Ethernet PHY with HP Auto-MDIX
PDF  421 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

LAN9250 Datasheet(HTML) 230 Page - Microchip Technology

Back Button LAN9250 Datasheet HTML 226Page - Microchip Technology LAN9250 Datasheet HTML 227Page - Microchip Technology LAN9250 Datasheet HTML 228Page - Microchip Technology LAN9250 Datasheet HTML 229Page - Microchip Technology LAN9250 Datasheet HTML 230Page - Microchip Technology LAN9250 Datasheet HTML 231Page - Microchip Technology LAN9250 Datasheet HTML 232Page - Microchip Technology LAN9250 Datasheet HTML 233Page - Microchip Technology LAN9250 Datasheet HTML 234Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 230 / 421 page
background image
LAN9250
DS00001913A-page 230
 2015 Microchip Technology Inc.
If Loss of Signal mode is not selected, then Signal Detect mode is selected by the FXSDENA strap input pin. When
greater than 1 V (typ.), Signal Detect mode is enabled, when less than 1 V (typ.), copper twisted pair is enabled.
Table 12-8 summarizes the selection.
12.2.17
REQUIRED ETHERNET MAGNETICS (100BASE-TX AND 10BASE-T)
The magnetics selected for use with the device should be an Auto-MDIX style magnetic, which is widely available from
several vendors. Please review the SMSC/Microchip Application note 8.13 “Suggested Magnetics” for the latest quali-
fied and suggested magnetics. A list of vendors and part numbers are provided within the application note.
12.2.18
PHY REGISTERS
The PHY registers are indirectly accessed through the Host MAC MII Access Register (HMAC_MII_ACC) and Host
MAC MII Data Register (HMAC_MII_DATA).
A list of the MII serial accessible Control and Status registers and their corresponding register index numbers is included
in Table 12-9. Each individual PHY is assigned a unique PHY address as detailed in Section 12.1.1, "PHY Addressing,"
on page 210.
In addition to the MII serial accessible Control and Status registers, a set of indirectly accessible registers provides sup-
port for the IEEE 802.3 Section 45.2 MDIO Manageable Device (MMD) Registers. A list of these registers and their cor-
responding register index numbers is included in Table 12-15.
Note:
The Digital Reset (DIGITAL_RST) bit will cause the EEPROM Loader to reload the configuration strap val-
ues into the PHY registers and to reset all other PHY registers to their default values. An EEPROM RELOAD
command via the EEPROM Command Register (E2P_CMD) also has the same effect.
Control and Status Registers
Table 12-9 provides a list of supported registers. Register details, including bit definitions, are provided in the following
subsections.
Unless otherwise specified, reserved fields must be written with zeros if the register is written.
Note:
The FXSDENA strap input pin is shared with the FXSDA pin. As such, the LVPECL levels ensure that the
input is greater than 1 V (typ.) and that Signal Detect mode is selected. When TP copper is desired, the
Signal Detect input function is not required and the pin should be set to 0 V.
Care must be taken such that an non-powered or disabled transceiver does not load the Signal Detect input
below the valid LVPECL level.
TABLE 12-8:
100BASE-FX LOS, SD AND TP COPPER SELECTION
FXLOSEN
FXSDENA
PHY Mode
<1 V (typ.)
<1 V (typ.)
TP copper
>1 V (typ.)
100BASE-FX Signal Detect
>1 V (typ.)
n/a
100BASE-FX LOS
TABLE 12-9:
PHY MII SERIALLY ACCESSIBLE CONTROL AND STATUS REGISTERS
Index
Register Name (SYMBOL)
Group
0
PHY Basic Control Register (PHY_BASIC_CONTROL)
Basic
1
PHY Basic Status Register (PHY_BASIC_STATUS)
Basic
2
PHY Identification MSB Register (PHY_ID_MSB)
Extended
3
PHY Identification LSB Register (PHY_ID_LSB)
Extended
4
PHY Auto-Negotiation Advertisement Register (PHY_AN_ADV)
Extended



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com