Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LAN9250 Datasheet(PDF) 64 Page - Microchip Technology

Part # LAN9250
Description  Integrated Ethernet PHY with HP Auto-MDIX
PDF  421 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

LAN9250 Datasheet(HTML) 64 Page - Microchip Technology

Back Button LAN9250 Datasheet HTML 60Page - Microchip Technology LAN9250 Datasheet HTML 61Page - Microchip Technology LAN9250 Datasheet HTML 62Page - Microchip Technology LAN9250 Datasheet HTML 63Page - Microchip Technology LAN9250 Datasheet HTML 64Page - Microchip Technology LAN9250 Datasheet HTML 65Page - Microchip Technology LAN9250 Datasheet HTML 66Page - Microchip Technology LAN9250 Datasheet HTML 67Page - Microchip Technology LAN9250 Datasheet HTML 68Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 421 page
background image
LAN9250
DS00001913A-page 64
 2015 Microchip Technology Inc.
• Link Up (Link Status Asserted)
• Auto-Negotiation LP Acknowledge
• Parallel Detection Fault
• Auto-Negotiation Page Received
In order for an interrupt event to trigger the external IRQ interrupt pin, the desired PHY interrupt event must be enabled
in the corresponding PHY Interrupt Mask Register (PHY_INTERRUPT_MASK), the PHY Interrupt Event Enable
(PHY_INT_EN) bit of the Interrupt Enable Register (INT_EN) must be set and the IRQ output must be enabled via the
IRQ Enable (IRQ_EN) bit of the Interrupt Configuration Register (IRQ_CFG).
For additional details on the Ethernet PHY interrupts, refer to Section 12.2.9, "PHY Interrupts," on page 220.
8.2.3
GPIO INTERRUPTS
Each GPIO of the device is provided with its own interrupt. The top-level GPIO Interrupt Event (GPIO) bit of the Interrupt
Status Register (INT_STS) provides indication that a GPIO interrupt event occurred in the General Purpose I/O Interrupt
Status and Enable Register (GPIO_INT_STS_EN). The General Purpose I/O Interrupt Status and Enable Register (GPI-
O_INT_STS_EN) provides enabling/disabling and status of each GPIO interrupt.
In order for a GPIO interrupt event to trigger the external IRQ interrupt pin, the desired GPIO interrupt must be enabled
in the General Purpose I/O Interrupt Status and Enable Register (GPIO_INT_STS_EN), the GPIO Interrupt Event
Enable (GPIO_EN) bit of the Interrupt Enable Register (INT_EN) must be set and the IRQ output must be enabled via
the IRQ Enable (IRQ_EN) bit of the Interrupt Configuration Register (IRQ_CFG).
For additional details on the GPIO interrupts, refer to Section 16.2.1, "GPIO Interrupts," on page 384.
8.2.4
HOST MAC INTERRUPTS
The top-level Interrupt Status Register (INT_STS) and Interrupt Enable Register (INT_EN) provide the status and
enabling/disabling of multiple Host MAC related interrupts. All Host MAC interrupts are monitored and configured
directly within these two registers. The following Host MAC related interrupt events are supported:
• TX Stopped
• RX Stopped
• RX Dropped Frame Counter Halfway
•TX IOC
•RX DMA
• TX Status FIFO Overflow
• Receive Watchdog Time-Out
• Receiver Error
• Transmitter Error
• TX Data FIFO Overrun
• TX Data FIFO Available
• TX Status FIFO Full
• TX Status FIFO Level
• RX Dropped Frame
• RX Status FIFO Full
• RX Status FIFO Level
In order for a Host MAC interrupt event to trigger the external IRQ interrupt pin, the desired Host MAC interrupt event
must be enabled in the Interrupt Enable Register (INT_EN) and the IRQ output must be enabled via the IRQ Enable
(IRQ_EN) bit of the Interrupt Configuration Register (IRQ_CFG).
Refer to the Interrupt Status Register (INT_STS) on page 69 and Section 11.0, "Host MAC," on page 139 for additional
information on bit definitions and Host MAC operation.
8.2.5
POWER MANAGEMENT INTERRUPTS
Multiple Power Management Event interrupt sources are provided by the device. The top-level Power Management
Interrupt Event (PME_INT) bit of the Interrupt Status Register (INT_STS) provides indication that a Power Management
interrupt event occurred in the Power Management Control Register (PMT_CTRL).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com