Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LAN9250 Datasheet(PDF) 62 Page - Microchip Technology

Part # LAN9250
Description  Integrated Ethernet PHY with HP Auto-MDIX
PDF  421 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

LAN9250 Datasheet(HTML) 62 Page - Microchip Technology

Back Button LAN9250 Datasheet HTML 58Page - Microchip Technology LAN9250 Datasheet HTML 59Page - Microchip Technology LAN9250 Datasheet HTML 60Page - Microchip Technology LAN9250 Datasheet HTML 61Page - Microchip Technology LAN9250 Datasheet HTML 62Page - Microchip Technology LAN9250 Datasheet HTML 63Page - Microchip Technology LAN9250 Datasheet HTML 64Page - Microchip Technology LAN9250 Datasheet HTML 65Page - Microchip Technology LAN9250 Datasheet HTML 66Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 62 / 421 page
background image
LAN9250
DS00001913A-page 62
 2015 Microchip Technology Inc.
8.0
SYSTEM INTERRUPTS
8.1
Functional Overview
This chapter describes the system interrupt structure of the device. The device provides a multi-tier programmable inter-
rupt structure which is controlled by the System Interrupt Controller. The programmable system interrupts are generated
internally by the various device sub-modules and can be configured to generate a single external host interrupt via the
IRQ interrupt output pin. The programmable nature of the host interrupt provides the user with the ability to optimize
performance dependent upon the application requirements. The IRQ interrupt buffer type, polarity and de-assertion
interval are modifiable. The IRQ interrupt can be configured as an open-drain output to facilitate the sharing of interrupts
with other devices. All internal interrupts are maskable and capable of triggering the IRQ interrupt.
8.2
Interrupt Sources
The device is capable of generating the following interrupt types:
• 1588 Interrupts
• Ethernet PHY Interrupts
• GPIO Interrupts
• Host MAC Interrupts (FIFOs)
• Power Management Interrupts
• General Purpose Timer Interrupt (GPT)
• Software Interrupt (General Purpose)
• Device Ready Interrupt
• Clock Output Test Mode
All interrupts are accessed and configured via registers arranged into a multi-tier, branch-like structure, as shown in
Figure 8-1. At the top level of the device interrupt structure are the Interrupt Status Register (INT_STS), Interrupt Enable
Register (INT_EN) and Interrupt Configuration Register (IRQ_CFG).
The Interrupt Status Register (INT_STS) and Interrupt Enable Register (INT_EN) aggregate and enable/disable all inter-
rupts from the various device sub-modules, combining them together to create the IRQ interrupt. These registers pro-
vide direct interrupt access/configuration to the Host MAC, General Purpose Timer, software and device ready
interrupts. These interrupts can be monitored, enabled/disabled and cleared, directly within these two registers. In addi-
tion, event indications are provided for the 1588, Power Management, GPIO and Ethernet PHY interrupts. These inter-
rupts differ in that the interrupt sources are generated and cleared in other sub-block registers. The INT_STS register
does not provide details on what specific event within the sub-module caused the interrupt and requires the software to
poll an additional sub-module interrupt register (as shown in Figure 8-1) to determine the exact interrupt source and
clear it. For interrupts which involve multiple registers, only after the interrupt has been serviced and cleared at its source
will it be cleared in the INT_STS register.
The Interrupt Configuration Register (IRQ_CFG) is responsible for enabling/disabling the IRQ interrupt output pin as
well as configuring its properties. The IRQ_CFG register allows the modification of the IRQ pin buffer type, polarity and
de-assertion interval. The de-assertion timer guarantees a minimum interrupt de-assertion period for the IRQ output
and is programmable via the Interrupt De-assertion Interval (INT_DEAS) field of the Interrupt Configuration Register
(IRQ_CFG). A setting of all zeros disables the de-assertion timer. The de-assertion interval starts when the IRQ pin de-
asserts, regardless of the reason.
Note:
The de-assertion timer does not apply to the PME interrupt. The PME interrupt is ORed into the IRQ logic
following the deassertion timer gating. Assertion of the PME interrupt does not affect the de-assertion timer.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com