Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LAN9250 Datasheet(PDF) 8 Page - Microchip Technology

Part # LAN9250
Description  Integrated Ethernet PHY with HP Auto-MDIX
PDF  421 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

LAN9250 Datasheet(HTML) 8 Page - Microchip Technology

Back Button LAN9250 Datasheet HTML 4Page - Microchip Technology LAN9250 Datasheet HTML 5Page - Microchip Technology LAN9250 Datasheet HTML 6Page - Microchip Technology LAN9250 Datasheet HTML 7Page - Microchip Technology LAN9250 Datasheet HTML 8Page - Microchip Technology LAN9250 Datasheet HTML 9Page - Microchip Technology LAN9250 Datasheet HTML 10Page - Microchip Technology LAN9250 Datasheet HTML 11Page - Microchip Technology LAN9250 Datasheet HTML 12Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 421 page
background image
LAN9250
DS00001913A-page 8
 2015 Microchip Technology Inc.
2.0
GENERAL DESCRIPTION
The LAN9250 is a full-featured, single-chip 10/100 Ethernet controller designed for embedded applications where per-
formance, flexibility, ease of integration and system cost control are required. The LAN9250 has been specifically
designed to provide high performance and throughput for 16-bit applications. The LAN9250 complies with the IEEE
802.3 (full/half-duplex 10BASE-T and 100BASE-TX) Ethernet protocol, IEEE 802.3az Energy Efficient Ethernet (EEE)
(100Mbps only), and the IEEE 1588v2 precision time protocol. 100BASE-FX is supported via an external fiber trans-
ceiver.
The LAN9250 includes an integrated Ethernet MAC and PHY with a high-performance SRAM-like slave interface. The
integrated checksum offload engines enable the automatic generation of the 16-bit checksum for received and trans-
mitted Ethernet frames, offloading the task from the CPU. The LAN9250 also includes large transmit and receive data
FIFOs to accommodate high latency applications. In addition, the LAN9250 memory buffer architecture allows highly
efficient use of memory resources by optimizing packet granularity.
The LAN9250 also supports features which reduce or eliminate packet loss. The internal 16-KByte SRAM can hold over
200 received packets. If the receive FIFO gets too full, the LAN9250 can automatically generate flow control packets to
the remote node, or assert back-pressure on the remote node by generating network collisions.
Two user selectable host bus interface options are available:
• Indexed register access
This implementation provides three index/data register banks, each with independent Byte/WORD to DWORD
conversion. Internal registers are accessed by first writing one of the three index registers, followed by reading or
writing the corresponding data register. Three index/data register banks support up to 3 independent driver
threads without access conflicts. Each thread can write its assigned index register without the issue of another
thread overwriting it. Two 16-bit cycles or four 8-bit cycles are required within the same 32-bit index/data register -
however, these access can be interleaved. Direct (non-indexed) read and write accesses are supported to the
packet data FIFOs. The direct FIFO access provides independent Byte/WORD to DWORD conversion, supporting
interleaved accesses with the index/data registers. Direct FIFO access also supports burst reading of the data
FIFO.
• Multiplexed address/data bus
This implementation provides a multiplexed address and data bus with both single phase and dual phase address
support. The address is loaded with an address strobe followed by data access using a read or write strobe. Two
back to back 16-bit data cycles or 4 back to back 8-bit data cycles are required within the same 32-bit DWORD.
These accesses must be sequential without any interleaved accesses to other registers. Burst read and write
accesses are supported to the packet data and status FIFOs by performing one address cycle followed by multiple
read or write data cycles.
The HBI supports 8/16-bit operation with big, little, and mixed endian operations. Four separate FIFO mechanisms (TX/
RX Data FIFO’s, TX/RX Status FIFO’s) interface the HBI to the Host MAC and facilitate the transferring of packet data
and status information between the host CPU and the device. A configurable host interrupt pin allows the device to
inform the host CPU of any internal interrupts.
An SPI / Quad SPI slave controller provides a low pin count synchronous slave interface that facilitates communication
between the device and a host system. The SPI / Quad SPI slave allows access to the System CSRs, internal FIFOs
and memories. It supports single and multiple register read and write commands with incrementing, decrementing and
static addressing. Single, Dual and Quad bit lanes are supported with a clock rate of up to 80 MHz.
The LAN9250 contains an I2C master EEPROM controller for connection to an optional EEPROM. This allows for the
storage and retrieval of static data. The internal EEPROM Loader can be optionally configured to automatically load
stored configuration settings from the EEPROM into the device at reset.
The LAN9250 supports numerous power management and wakeup features. The LAN9250 can be placed in a reduced
power mode and can be programmed to issue an external wake signal (PME) via several methods, including “Magic
Packet”, “Wake on LAN”, wake on broadcast, wake on perfect DA, and “Link Status Change”. This signal is ideal for
triggering system power-up using remote Ethernet wakeup events. The device can be removed from the low power state
via a host processor command or one of the wake events.
The LAN9250 can be configured to operate via a single 3.3V supply utilizing an integrated 3.3V to 1.2V linear regulator.
The linear regulator may be optionally disabled, allowing usage of a high efficiency external regulator for lower system
power dissipation.
The LAN9250 is available in commercial, industrial, and extended industrial temperature ranges. Figure 2-1 provides
an internal block diagram of the LAN9250.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com